Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-K49CT Datasheet(PDF) 3 Page - Abracon Corporation

Part # ACPL-K49CT
Description  Wide Operating Temperature Automotive R2Coupler™ 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-K49CT Datasheet(HTML) 3 Page - Abracon Corporation

  ACPL-K49CT Datasheet HTML 1Page - Abracon Corporation ACPL-K49CT Datasheet HTML 2Page - Abracon Corporation ACPL-K49CT Datasheet HTML 3Page - Abracon Corporation ACPL-K49CT Datasheet HTML 4Page - Abracon Corporation ACPL-K49CT Datasheet HTML 5Page - Abracon Corporation ACPL-K49CT Datasheet HTML 6Page - Abracon Corporation ACPL-K49CT Datasheet HTML 7Page - Abracon Corporation ACPL-K49CT Datasheet HTML 8Page - Abracon Corporation ACPL-K49CT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Broadcom
ACPL-K49CT-DS101
3
ACPL-K49CT
Data Sheet
Wide Operating Temperature Automotive R2Coupler™ 20-kBd Digital Optocoupler
Configurable as Low-Power, Low-Leakage Phototransistor
Outline Drawing (Stretched SO-8)
Recommended Pb-Free IR Reflow Profile
Recommended reflow condition as per JEDEC Standard J-STD-020 (latest revision).
NOTE:
Use non-halide flux.
Regulatory Information
The ACPL-K49CT is approved by the following organizations:
UL
UL 1577, component recognition program up to VISO = 5000 Vrms
CSA
CAN/CSA-C22.2 No.62368-1
IEC/EN
IEC/EN 60747-5-5,
Maximum working insulation voltage, VIORM = 1260 VPEAK,
Highest allowable overvoltage, VIOTM = 8000 VPEAK
5.850 ± 0.254
(0.230 ± 0.010)
8 7 6 5
PART NUMBER
DATE CODE
RECOMMENDED LAND PATTERN
12.650
(0.498)
RoHS-COMPLIANCE
INDICATOR
K4XCT
YWW
EE
6.807 ± 0.127
(0.268 ± 0.005)
1.905
(0.075)
1 2 3 4
7°
EXTENDED DATE CODE
FOR LOT TRACKING
3.180 ± 0.127
(0.125 ± 0.005)
0.200 ± 0.100
0.450
(0.018)
45°
0.750 ± 0.250
0.64
(0.025)
1.590 ± 0.127
(0.063 ± 0.005)
0.254 ± 0.100
0.381 ± 0.127
(0.015 ± 0.005)
1.270
(0.050) BSG
(0.008 ± 0.004)
(0.0295 ± 0.010)
11.50 ± 0.250
(0.453 ± 0.010)
(0.010 ± 0.004)
Note:
Dimensions in millimeters and (inches).
Lead coplanarity = 0.1 mm (0.004 inches).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com