Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-K49CT Datasheet(PDF) 10 Page - Abracon Corporation

Part # ACPL-K49CT
Description  Wide Operating Temperature Automotive R2Coupler™ 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-K49CT Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ACPL-K49CT Datasheet HTML 5Page - Abracon Corporation ACPL-K49CT Datasheet HTML 6Page - Abracon Corporation ACPL-K49CT Datasheet HTML 7Page - Abracon Corporation ACPL-K49CT Datasheet HTML 8Page - Abracon Corporation ACPL-K49CT Datasheet HTML 9Page - Abracon Corporation ACPL-K49CT Datasheet HTML 10Page - Abracon Corporation ACPL-K49CT Datasheet HTML 11Page - Abracon Corporation ACPL-K49CT Datasheet HTML 12Page - Abracon Corporation ACPL-K49CT Datasheet HTML 13Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Broadcom
ACPL-K49CT-DS101
10
ACPL-K49CT
Data Sheet
Wide Operating Temperature Automotive R2Coupler™ 20-kBd Digital Optocoupler
Configurable as Low-Power, Low-Leakage Phototransistor
Figure 7: Typical High-Level Output Current vs. Temperature
Figure 8: Typical Off-State Current vs. Temperature (4-Pin
Configuration)
1
0.1
0.01
0.001
0.0001
25
50
75
100
125
TA - AMBIENT TEMPERATURE - °C
1
0.1
0.01
0.001
0.0001
0.00001
25
50
75
100
125
TA - AMBIENT TEMPERATURE - °C
Figure 9: Switching Test Circuit (5-Pin Configuration)
Figure 10: Switching Test Circuit (4-Pin Configuration)
8
7
6
5
1
2
3
4
Pulse
Generator
ZO = 50 Ω
tr = 5 ns
10% Duty Cycle
1/f < 100 s
IF Monitor
+5 V
RL
VO
0.1 F
CL= 15 pF
5 V
IF
VO
1.5 V
2.0 V
tPHL
tPLH
VOL
100
8
7
6
5
1
2
3
4
Pulse
Generator
ZO = 50 Ω
tr = 5 ns
10% Duty Cycle
1/f < 100 s
IF Monitor
+5 V
RL
VO
CL= 15 pF
5 V
IF
VO
1.5 V
2.0 V
tPHL
tPLH
VOL
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com