Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPF30F Datasheet(PDF) 20 Page - International Rectifier

Part # IRGPF30F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPF30F Datasheet(HTML) 20 Page - International Rectifier

Back Button IRGPF30F Datasheet HTML 16Page - International Rectifier IRGPF30F Datasheet HTML 17Page - International Rectifier IRGPF30F Datasheet HTML 18Page - International Rectifier IRGPF30F Datasheet HTML 19Page - International Rectifier IRGPF30F Datasheet HTML 20Page - International Rectifier IRGPF30F Datasheet HTML 21Page - International Rectifier IRGPF30F Datasheet HTML 22Page - International Rectifier IRGPF30F Datasheet HTML 23Page - International Rectifier IRGPF30F Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
POWER CYCLING (P/C) unbiased
T0247 Package
Bias:
Set to give
∆ T = 100°C
Temperature:
Tj =
∆ 100°C
Duration:
10000 Cycles
Test Points:
2500, 5000, 10000 Nominal
N Channel
HIGH FREQUENCY ( Ultra-Fast )
FAILURES
DEVICE
DATE
QTY ACTUAL
TYPE
CODE
(hours) #
MODE
(note b)
IRGPC40U
9620
20
10000 0
TOTALS
20
10000 0
NOTES
b.
FAILURE MODES:
IGBT / CoPack
Quarterly Reliability Report
Page 20 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com