Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPF30F Datasheet(PDF) 7 Page - International Rectifier

Part # IRGPF30F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPF30F Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGPF30F Datasheet HTML 3Page - International Rectifier IRGPF30F Datasheet HTML 4Page - International Rectifier IRGPF30F Datasheet HTML 5Page - International Rectifier IRGPF30F Datasheet HTML 6Page - International Rectifier IRGPF30F Datasheet HTML 7Page - International Rectifier IRGPF30F Datasheet HTML 8Page - International Rectifier IRGPF30F Datasheet HTML 9Page - International Rectifier IRGPF30F Datasheet HTML 10Page - International Rectifier IRGPF30F Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
The IGBT Structure
IR
G
4
B
C
4
0
S
D
Diode
International Rectifier
Speed Designator
IGBT
S Standard
Generation
Modifier
F Fast
Voltage Designator
Die Size
M Short Cicuit Fast
Package Designator
C
600v E
800v
U UltraFast
B T0220
F
900v G 1000v
K Short Circuit UltraFast
P T0247
H
1200v
Basic IGBT Structure
The silicon cross-section of an Insulated Gate Bipolar Transistor (IGBT), the
terminal called Collector is, actually, the Emitter of the PNP. In spite of its
similarity to the cross-section of a power MOSFET, operating of the two
transistors is fundamentally different, the IGBT being a minority carrier device.
Except for the P + substrate is virtually identical to that of a power MOSFET,
both devices share a similar polysilicon gate structure and P wells with N +
source contacts. In both devices the N-type material under the P wells is sized
in thickness and reistivity to sustain the full voltage rating of the device.
However, in spite of the many similarities, he physical operation of the IGBT is
closer to that of a bipolar transistor than to that of a power MOSFET. This is
due to the P + substrate which is responsible for the minority carrier injection
into the N regtion and the resulting conductivity modulation, a significant share
of the conduction losses occur in the N region, typically 70% in a 500v device.
The part number itself contains in coded form the key features of the IGBT. An
explanation of the nomenclature in contained below.
IGBT / CoPack
Quarterly Reliability Report
Page 7 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com