Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT10-EMU3 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 100Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 101Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 102Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 103Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 104Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 105Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 106Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 107Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
104/124
13.11 8-BIT ADC CHARACTERISTICS
TA = -40°C to 85°C, unless otherwise specified
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. Data based on characterization results, not tested in production.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable is then
always valid.
Figure 81. Typical Application with ADC
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range
VSS
VDD
V
RAIN
External input resistor
10 1)
k
Ω
CADC
Internal sample and hold capacitor
VDD=5V
3
pF
tSTAB
Stabilization time after ADC enable
fCPU=8MHz, fADC=4MHz
0 2)
µs
tCONV
Conversion time (tSAMPLE+tHOLD)3
tSAMPLE Sample capacitor loading time
4
1/fADC
tHOLD
Hold conversion time
8
AINx
ST7XX
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
3pF
VAIN
RAIN
8-Bit A/D
Conversion
2k
Ω(max)
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com