Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT10-EMU3 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 101Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 102Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 103Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 104Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 105Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 106Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 107Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 108Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
105/124
ADC CHARACTERISTICS (Cont’d)
Figure 82. RAIN max. vs fADC with CAIN=0pF
1)
Figure 83. Recommended CAIN/RAIN values
2)
Notes:
1. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
2. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization and to allow
the use of a larger serial resistor (RAIN). It is valid for all fADC frequencies ≤ 4MHz.
13.11.1 General PCB Design Guidelines
To obtain best results, some general design and
layout rules should be followed when designing
the application PCB to shield the noise-sensitive,
analog physical interface from noise-generating
CMOS logic signals.
Properly place components and route the signal
traces on the PCB to shield the analog inputs. An-
alog signals paths should run over the analog
ground plane and be as short as possible. Isolate
analog signals from digital signals that may switch
while the analog inputs are being sampled by the
A/D converter. Do not toggle digital outputs on the
same I/O port as the A/D input being converted.
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
4 MHz
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com