Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4080 Datasheet HTML 28Page - Analog Devices AD4080 Datasheet HTML 29Page - Analog Devices AD4080 Datasheet HTML 30Page - Analog Devices AD4080 Datasheet HTML 31Page - Analog Devices AD4080 Datasheet HTML 32Page - Analog Devices AD4080 Datasheet HTML 33Page - Analog Devices AD4080 Datasheet HTML 34Page - Analog Devices AD4080 Datasheet HTML 35Page - Analog Devices AD4080 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 32 of 94
OVERVIEW
The AD4080 digital interface consists of a 4-wire SPI for device
configuration, four general-purpose input and output (GPIO) pins,
a conversion data access interface with selectable output format
(LVDS or SPI data interface), and a conversion start input (CNV+
and CNV−) that can be configures for LVDS or CMOS level signal-
ing.
Register Interface
The AD4080 configuration registers are accessed through the
SPI configuration interface (see the SPI Configuration Interface
section).
ADC Conversion Control
The ADC acquires a sample and initiates a conversion operation on
the rising edge of the convert start signal, applied at the CNV+ and
CNV− pins. There are two possible configurations for the electrical
signaling at the convert start input pins: CMOS or LVDS.
CMOS is the default mode on power up and after reset. CMOS
requires that the CNV− pin be tied to the digital interface ground
(IOGND). In this mode, the convert signal must be a CMOS logic
signal referenced to IOGND and applied at CNV+, with logic levels
according to the digital inputs (CNV, GPIOx, DCS, and DCLK)
parameters in Table 1.
To switch to LVDS mode, the LVDS_CNV_EN bit of the ADC Data
Interface Configuration B register (see the ADC Data Interface Con-
figuration B Register section, Address 0x16) must be set to 1. In
this mode, an external 100 Ω termination resistor must be installed
between the CNV+ and CNV− pins, as close to the AD4080 as
possible. In LVDS mode, the CNV+ and CNV− pins must be driven
differentially with an LVDS driver conforming to the levels specified
in the LVDS I/O (EIA-644) parameters in Table 1. Care must be
taken to closely match the CNV+ and CNV− differential signal pair
routing and to use controlled impedance to ensure signal integrity.
ADC Conversion Data Interface
Two signaling format options are available to access conversion
results:
►
LVDS level signaling (LVDS data Interface)
►
CMOS level signaling (SPI data interface)
The choice of interface is usually determined by the requirements
and constraints of the application at hand. For example, if contin-
uous fast data acquisition is required, then the LVDS signaling
interface is typically the preferred option. If the application requires
only noncontinuous bursts of data acquisitions, then either the
LVDS or the SPI data interfaces can be used. The capabilities of
the digital interface host can also determine which interface option
is chosen.
Common to both the LVDS and SPI data interfaces are the follow-
ing flexible features, which reduce the burden on the chosen digital
host:
►
Multilane data transfer: enables sustained data throughput at
reduced interface clock speeds.
►
Test pattern generation: facilitates interface integrity checks.
Additionally, for the LVDS only, there is the option to set a configu-
rable output drive.
By default, the LVDS interface is selected on power up and after a
reset. As can be seen in Figure 50, for LVDS, the data path of the
ADC results is routed though the offset and gain correction block
where there is the option to:
►
Continuously read, directly, the raw ADC conversion results.
►
Continuously read the ADC results processed by a user-selected
digital filter (see the Digital Filter section for details).
►
Read up to 16k unfiltered results from the FIFO.
►
Read up to 16k digitally filtered results from the FIFO.
Figure 50. LVDS Data Interface Options
If configured for the SPI data interface, as can be seen in Figure 51,
the available data paths are as follows:
►
Read up to 16k unfiltered results from the FIFO.
►
Read up to 16k digitally filtered results from the FIFO.
Figure 51. SPI Data Interface Data Path Options
Additional features specific to the selected interface format are also
available and are described in the LVDS Data Interface section and
the SPI Data Interface section.
SPI CONFIGURATION INTERFACE
All serial transactions between the system host and the AD4080
configuration registers are executed using the configuration SPI.
Each serial transaction consists of at least one instruction phase
during which the desired memory operation, that is, read or write,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com