Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080 Datasheet (PDF) - Analog Devices

AD4080 Datasheet PDF - Analog Devices
Part # AD4080
Download  AD4080 Download
File Size   3604.54 Kbytes
Page   94 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, 40 MSPS, Differential SAR ADC

AD4080 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4080 Datasheet PDF - Analog Devices

Part # AD4080
Download  AD4080 Click to download

File Size   3604.54 Kbytes
Page   94 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, 40 MSPS, Differential SAR ADC

AD4080 Datasheet (HTML) - Analog Devices


AD4080 Product details

FEATURES
► High performance
► Throughput: 40 MSPS, 46.25 ns conversion latency
► INL: ±4 ppm (typical), ±8 ppm (maximum)
► SNR/THD
► 93.6 dB (typical)/−110 dB (typical) at fIN = 1 kHz
► 93.5 dB (typical)/−104 dB (typical) at fIN = 1 MHz
► Noise spectral density: −167.6 dBFS/Hz
► 20-bit resolution, no missing codes
► Low power
► 79.3 mW typical at 40 MSPS with −0.5 dBFS sine-wave input
► Easy Drive, fully differential Input
► 6 V p-p differential input range
► Continuous signal acquisition
► Linearized, 5 μA/MSPS input current
► Integrated, low-drift reference buffer and decoupling
► Integrated VCM generation
► Digital features and data interface
► Conversion result FIFO, 16K sample depth
► Digital averaging filter with up to 210 decimation
► SPI configuration
► Configurable data interface
► Single lane, DDR, serial LVDS, 800 MBPS per lane
► Dual lane, DDR, serial LVDS, 400 MBPS per lane
► Single/quad lane SPI data interface
► Package
► 49-ball, 5 mm x 5 mm CSP_BGA, 0.65 mm pitch
► Integrated supply decoupling capacitors
► Operating temperature range: −40°C to +85°C

APPLICATIONS
► Digital imaging
► Cell analysis
► Spectroscopy
► Automated test equipment
► High speed data acquisition
► Digital control loops, hardware in the loop
► Power quality analysis
► Source measurement units
► Electron and x-ray microscopy
► Radar level measurement
► Nondestructive test
► Predictive maintenance and structural health




Similar Part No. - AD4080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4080 AD-AD4080 Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ-RL AD-AD4080BBCZ-RL Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ-RL7 AD-AD4080BBCZ-RL7 Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
More results


Similar Description - AD4080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
3 MSPS, 12-Bit SAR ADC
Rev. B
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
24-Bit, 2 MSPS, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com