Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6822CCSZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADBMS6822CCSZ
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6822CCSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADBMS6822CCSZ Datasheet HTML 17Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 18Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 19Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 20Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 21Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 22Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 23Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 24Page - Analog Devices ADBMS6822CCSZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 21 of 28
Table 22. Estimated IVDD/VP in Different Power States
State
MSTR
Estimated IVDD/VP
Idle
0 (peripheral)
10 µA
1 (controller)
10 µA
Ready
0 or 1
2.7 mA
Active
0 (peripheral)
2.7 mA + IDRV × t1/2PW(D)/tCLK
1 (controller)
2.7 mA + IDRV × 2 × t1/2PW(D)/tCLK
IDLE MODE AND WAKE-UP DETECTION
To conserve power, the ADBMS6821/ADBMS6822 transceivers in
peripheral mode (MSTR = 0) enter an idle state after tIDLE of
inactivity on the IP and IM pins. In this condition, IDD is reduced to
less than 10 µA and the SPI pins are idled (CS = 1, PICO = 1, and
SCK = POL).
The transceiver continues monitoring the IP and IM pins using a low
power, AC-coupled detector. It wakes up when it sees a differential
signal of VWAKE or greater that persists for tDWELL or longer. In
practice, a long (CS) isoSPI pulse is sufficient to wake the device
up. After the comparator generates the wake-up signal, it can take
up to tREADY for bias circuits to stabilize.
Figure 39 shows the sequence of waking up a peripheral transceiv-
er (placing it in the ready state), which uses it to communicate, then
allows it to return to the low-power idle state. For a transceiver in
controller mode (MSTR = 1), in addition to the previously mentioned
wake-up procedure, taking CS low also enables the isoSPI port
within tREADY. Then CS can be taken high, and the resulting long
pulse on the isoSPI ports serves as a wake-up signal for the periph-
eral device that is connected to this transceiver, which responds by
entering the ready state.
The controller transceiver remains in the ready or active state as
long as CS = 0. If CS transitions high, it enters the idle state after
tIDLE expires. The tIDLE time prevents the device from shutting down
between data packets.
Figure 39. Peripheral ADBMS6821/ADBMS6822 Wake-Up/Idle Timing
WAKE PIN
The WAKE pin is a current-limited output that indicates the state
of the ADBMS6821/ADBMS6822 transceivers. If a transceiver is in
the ready or active state, WAKE is logic high. If a transceiver is in
the idle state, WAKE is logic low. The WAKE pin does not indicate
interrupts for the LPCM feature. Instead, the INTR pin performs that
function.
Although the WAKE pin is normally used as an output, it can also
be used as an input when a transceiver is configured with the
MSTR pin driven logic low and the XCVRMD pin is not configured
for LPCM timeout monitor support. In this configuration, if the trans-
ceiver is in the idle state and outputting a logic low on the WAKE
pin, externally driving the WAKE pin high for at least tREADY causes
the transceiver to transition from the idle state to the ready state
and then transmit a wake-up pulse on the isoSPI port. This wake-up
pulse can be used, for example, by a peripheral transceiver to wake
up the controller transceiver without changing the direction of the
isoSPI bus from peripheral to controller.
Consider the following example. The controller and peripheral
transceivers are in a low-power state. The peripheral controller
requires attention from the controller. The peripheral drives the
WAKE pin of the peripheral transceiver high, which wakes up the
peripheral transceiver and causes a wake-up pulse to be transmit-
ted to the controller transceiver. The controller transceiver then
wakes up and drives its WAKE pin logic high, which alerts the
attached controller that the peripheral needs attention.
When the WAKE pin is used as an input, the signal that drives
the WAKE pin can range from WAKE pin VIH to 6 V (WAKE pin
absolute maximum) to allow the transceiver to detect a logic high.
The WAKE pin is powered from the VP or VDD pin. Therefore, the
WAKE pin does not need the VDDS pin to be supplied to operate.
The WAKE output is current-limited to IPU(WAKE/INTR) for pull-up
and to IPD(WAKE/INTR) for pull-down. The maximum output voltage
of the WAKE pin is specified by VPU(WAKE/INTR). If that voltage is
not compatible with the input voltage limit of a connected device, a
Zener diode clamp or a level shifter may be required.
MULTIDROP
Multiple peripherals can be connected to a single controller by con-
necting them in parallel (multidrop configuration) along one cable.
As shown in Figure 40, terminate the cable only at the beginning
(controller) and the end. In between, the additional ADBMS6821/
ADBMS6822 devices and their associated peripheral devices are
connected to stubs on the cable. Keep these stubs short, with as
little capacitance as possible, to avoid degrading the termination
along the cable. The multidrop configuration is only possible if the
SPI peripherals have the following characteristics:
►
The SPI peripherals must be addressable, because they all see
the same CS signal (as decoded by each peripheral transceiver).
►
When not addressed, the peripheral SDO must remain high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com