Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX11015 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX11015
Description  Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX11015 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX11015 Datasheet HTML 1Page - ASIX Electronics Corporation AX11015 Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
AX11015
Single Chip Microcontroller with TCP/IP
and 10/100M Fast Ethernet MAC/PHY
Features
Product Brief
MCU
8-bit
pipelined
RISC,
single
cycle
per
instruction
with
maximum
operating
frequency of 100Mhz (100 MIPS)
100% software compatible with standard
8051/80390
4 GPIO ports of 8 bits each
2 external interrupt sources with 2 priority
levels
Support
power
management
unit,
programmable watchdog timer, and 3 16-bit
timer/counters
Debug port for connecting to In-Circuit
Emulation (ICE) adaptor
5 channels of Programmable Counter Array
(PCA)
On-chip Program and Data Memory
Embed 512KB Flash memory, and 16KB
SRAM for program code mirroring. The
external program memory can grow up to
2MB without bank select
Support initial Flash memory programming
via UART or ICE adaptor, the so-called In
System Programming (ISP)
Support run-time firmware or driver update
through Ethernet or UART, the so-called In
Application Programming (IAP)
Support boot loader to shadow program code
on to internal 16KB SRAM and external
SRAM for high performance applications
Embed 32KB SRAM for data memory,
expandable up to 2MB via external SRAM
without bank select
Buffer Management
Innovative shared memory architecture to
allow external program and data memory to
share the same SRAM memory chip with
flexible memory space allocation
Embed DMA engine and memory arbiter.
Support
5
DMA
channels
for
high
performance
data
movement
needed
for
network protocol stack processing
On-chip 10/100M Fast Ethernet MAC and PHY
Integrate IEEE 802.3 10BASE-T/100BASE-TX
compatible Fast Ethernet MAC and PHY with
dedicated 12KB SRAM for Ethernet packet
buffering. Support full-duplex and half-duplex
operations. Provide optional MII interface (for
HomePNA and HomePlug)
Support twisted pair crossover detection and
auto-correction (Auto-MDIX)
Support wakeup via Link-up, Magic packet,
Wakeup frame or external input pin
TCP/IP
Build in TCP/IP accelerator in hardware to
improve network transfer throughput. Support
IP/TCP/UDP/ICMP/IGMP
checksum
and
ARP in hardware
Support TCP, UDP, ICMP, IGMP, IPv4,
DHCP, BOOTP, ARP, and HTTP in software
Communication Interface
3
UART
interface
(with
1
supporting
921.6Kbps and Modem control)
Local bus host interface (master or slave
mode)
Support STMicroelectronics Digiport (10-bit
data port) or SPI mode for receiving video
data
1 I2C interface (master and slave mode)
SPI/Micro wire interface (3 masters or 1 slave
mode)
1 1-Wire controller interface (master mode)
10/100 Ethernet PHY interface
Support network boot over Ethernet using BOOTP
and TFTP
Integrate on-chip 3.3V to 1.8V voltage regulator and
require single power supply of 3.3V only
Integrate on-chip oscillator and PLL. Require only
one 25Mhz crystal to operate
Integrate on-chip power-on reset circuit
128-pin LQFP RoHS package
Operating temperature: 0 to 70°C or -40 to 85°C
*IEEE is a registered trademark of the Institute of Electrical and
Electronic Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product Description
The AX11015, Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY, is a System-on-Chip
(SoC) solution which offers a high performance embedded micro controller and rich communication peripherals for
wide varieties of application which need access to the LAN or Internet. With built-in network protocol stack, the
AX11015 provides very cost effective networking solution to enable simple, easy, and low cost Internet connection
capability for many applications such as consumer electronics, networked home appliances, industrial equipments,
security systems, remote data collection equipments, remote control, remote monitoring, and remote management. In
addition to stand-alone application, the AX11015, with popular TCP/IP protocol suite on-chip and built-in local bus
host interface, I2C bus, or SPI bus, can be used as network co-processor to offload TCP/IP protocol processing loading
from system CPU in an embedded system.
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu 30078, Taiwan
ASIX Proprietary and Confidential
Released Date: 2/22/2006
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/


Similar Part No. - AX11015

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX11000 TP-LINK-AX11000 Datasheet
3Mb / 7P
AX11000 Next-Gen Tri-Band Gaming Router
logo
ASIX Electronics Corpor...
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11005 ASIX-AX11005 Datasheet
144Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Belden Inc.
AX110247 BELDEN-AX110247 Datasheet
252Kb / 1P
Breakout Kit, Up to 288 Fibers Flex Ribbon Cable
10-23-2024
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
More results

Similar Description - AX11015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM7008 ETC1-ADM7008 Datasheet
2Mb / 92P
Octal Ethernet 10/100M PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
ASIX Electronics Corpor...
AX220XX ASIX-AX220XX Datasheet
333Kb / 2P
Single Chip Microcontroller with TCP/IP and 802.11 WLAn MAC/Baseband
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com