Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT843AM Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74FCT843AM
Description  BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT843AM Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT843AM Datasheet HTML 1Page - Texas Instruments CD74FCT843AM Datasheet HTML 2Page - Texas Instruments CD74FCT843AM Datasheet HTML 3Page - Texas Instruments CD74FCT843AM Datasheet HTML 4Page - Texas Instruments CD74FCT843AM Datasheet HTML 5Page - Texas Instruments CD74FCT843AM Datasheet HTML 6Page - Texas Instruments CD74FCT843AM Datasheet HTML 7Page - Texas Instruments CD74FCT843AM Datasheet HTML 8Page - Texas Instruments CD74FCT843AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CD74FCT843A
BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCBS727 – JULY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating temperature conditions (unless otherwise
noted) (see Figure 1)
MIN
MAX
UNIT
CLR low
8
tw
Pulse duration
PRE low
8
ns
LE low
4
Data before LE
↓
2.5
tsu
Setup time
PRE inactive
1.4
ns
CLR inactive
1.4
th
Hold time
Data before LE
↓
2.5
ns
trec
Recovery time
PRE, CLR
14
ns
switching characteristics over recommended operating temperature conditions (unless otherwise
noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
t d
D
Q
6.8
1.5
9
ns
tpd
LE
Q
9
1.5
12
ns
tPLH
PRE
Q
9
1.5
12
ns
tPHL
CLR
Q
9.8
1.5
13
ns
ten
OE
Q
10.5
1.5
14
ns
tdis
OE
Q
6
1.5
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com