Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT843AM Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT843AM
Description  BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT843AM Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT843AM Datasheet HTML 1Page - Texas Instruments CD74FCT843AM Datasheet HTML 2Page - Texas Instruments CD74FCT843AM Datasheet HTML 3Page - Texas Instruments CD74FCT843AM Datasheet HTML 4Page - Texas Instruments CD74FCT843AM Datasheet HTML 5Page - Texas Instruments CD74FCT843AM Datasheet HTML 6Page - Texas Instruments CD74FCT843AM Datasheet HTML 7Page - Texas Instruments CD74FCT843AM Datasheet HTML 8Page - Texas Instruments CD74FCT843AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CD74FCT843A
BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCBS727 – JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 48-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Packaged in Plastic Small-Outline Package
description
The CD74FCT843A is a 9-bit, bus-interface,
D-type latch with 3-state outputs, designed
specifically for driving highly capacitive or relatively low-impedance loads. It is particularly suitable for
implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers.
The device uses a small-geometry BiCMOS technology. The output stage is a combination of bipolar and CMOS
transistors that limits the output high level to two diode drops below VCC. This resultant lowering of output swing
(0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes VCC
bounce and ground bounce and their effects during simultaneous output switching. The output configuration
also enhances switching speed and is capable of sinking 48 mA.
The CD74FCT843A outputs are transparent to the inputs when the latch-enable (LE) input is high. The latches
are transparent D-type latches. When LE goes low, the data is latched. The output-enable (OE) input controls
the 3-state outputs. When OE is high, the outputs are in the high-impedance state. The latch operation is
independent of the state of the output enable. This device, having preset (PRE) and clear (CLR), are ideal for
parity-bus interfacing. When PRE is low, the outputs are high if OE is low. PRE overrides CLR. When CLR is
low, the outputs are low if OE is low. When CLR is high, data can be entered into the latch. The device provides
noninverted outputs.
OE does not affect the internal operations of the latch. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.
The CD74FCT843A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
PRE
CLR
OE
LE
D
Q
L
X
L
X
X
H
H
LL
X
X
L
H
HL
HL
L
H
HL
H
H
H
H
HL
L
X
Q0
X
X
H
X
X
Z
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
CLR
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
PRE
LE


Similar Part No. - CD74FCT843AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT843AM TI-CD74FCT843AM Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
More results

Similar Description - CD74FCT843AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC843A TI-SN74LVC843A Datasheet
150Kb / 10P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com