Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC138 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC138
Description  HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC138 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC138 Datasheet HTML 1Page - Texas Instruments CD74HC138 Datasheet HTML 2Page - Texas Instruments CD74HC138 Datasheet HTML 3Page - Texas Instruments CD74HC138 Datasheet HTML 4Page - Texas Instruments CD74HC138 Datasheet HTML 5Page - Texas Instruments CD74HC138 Datasheet HTML 6Page - Texas Instruments CD74HC138 Datasheet HTML 7Page - Texas Instruments CD74HC138 Datasheet HTML 8Page - Texas Instruments CD74HC138 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CD74HC138-Q1
HIGH-SPEED CMOS LOGIC
3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
SCLS580A − APRIL 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
IO
(mA)
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
(mA)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
−0.02
2 V
1.9
1.9
CMOS loads
−0.02
4.5 V
4.4
4.4
VOH
VI = VIH or VIL
CMOS loads
−0.02
6 V
5.9
5.9
V
VOH
VI
VIH or VIL
TTL loads
−4
4.5 V
3.98
3.7
V
TTL loads
−5.2
6 V
5.48
5.2
0.02
2 V
0.1
0.1
CMOS loads
0.02
4.5 V
0.1
0.1
VOL
VI = VIH or VIL
CMOS loads
0.02
6 V
0.1
0.1
V
VOL
VI
VIH or VIL
TTL loads
4
4.5 V
0.26
0.4
V
TTL loads
5.2
6 V
0.26
0.4
II
VI = VCC or GND
6 V
±0.1
±1
µA
ICC
VI = VCC or GND
0
6 V
8
160
µA
CIN
10
10
pF
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
CL = 15 pF
5 V
13
A
Y
2 V
150
225
A
Y
CL = 50 pF
4.5 V
30
45
tpd
CL
50 pF
6 V
26
38
ns
tpd
2 V
150
265
ns
E
Y
CL = 50 pF
4.5 V
30
53
E
Y
CL
50 pF
6 V
26
45
2 V
75
110
tt
Y
CL = 50 pF
4.5 V
15
22
ns
t
L
p
6 V
13
19
operating characteristics, VCC = 5 V, TA = 25°C, Input tr, tf = 6 ns, CL = 15 pF
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 4)
67
pF
NOTE 4: Cpd is used to determine the dynamic power consumption, per gate.
PD = VCC2 fI (Cpd + CL)
fI = input frequency
CL = output load capacitance
VCC = supply voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com