Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC138 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC138
Description  HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC138 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC138 Datasheet HTML 1Page - Texas Instruments CD74HC138 Datasheet HTML 2Page - Texas Instruments CD74HC138 Datasheet HTML 3Page - Texas Instruments CD74HC138 Datasheet HTML 4Page - Texas Instruments CD74HC138 Datasheet HTML 5Page - Texas Instruments CD74HC138 Datasheet HTML 6Page - Texas Instruments CD74HC138 Datasheet HTML 7Page - Texas Instruments CD74HC138 Datasheet HTML 8Page - Texas Instruments CD74HC138 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CD74HC138-Q1
HIGH-SPEED CMOS LOGIC
3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
SCLS580A − APRIL 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Select One of Eight Data Outputs Active
Low
D I/O Port or Memory Selector
D Three Enable Inputs to Simplify Cascading
D Typical Propagation Delay of 13 ns at
VCC = 5 V, CL = 15 pF, TA = 255C
D Fanout (Over Temperature Range)
− Standard Outputs ... 10 LSTTL Loads
− Bus Driver Outputs ... 15 LSTTL Loads
D Balanced Propagation Delay and Transition
Times
D Significant Power Reduction Compared to
LSTTL Logic ICs
D 2-V to 6-V V
CC Operation
D High Noise Immunity; N
IL or NIH = 30% of
VCC, VCC = 5 V
description/ordering information
The CD74HC138 is a high-speed silicon-gate CMOS
decoder well suited to memory address decoding or
data routing applications. This circuit features low
power consumption usually associated with CMOS circuitry, yet has speeds comparable to low-power Schottky
TTL logic. The circuit has three binary select inputs (A0, A1, and A2). If the device is enabled, these inputs
determine which one of the eight normally high outputs of the HC138 will go low.
Two active-low and one active-high enables (E1, E2, and E3) are provided to ease the cascading of decoders.
The decoder’s eight outputs can drive ten low-power Schottky TTL equivalent loads.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − M
Reel of 2500
CD74HC138QM96Q1
HC138Q
† For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
E1
E2
E3
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6


Similar Part No. - CD74HC138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD74HC138 TI-CD74HC138 Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138 TI-CD74HC138 Datasheet
407Kb / 18P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138 TI-CD74HC138 Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138 TI2-CD74HC138 Datasheet
1Mb / 29P
CDx4HC138, CDx4HCT138, CDx4HC238, CDx4HCT238 High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
REVISED NOVEMBER 2021
More results

Similar Description - CD74HC138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Texas Instruments
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_07 Datasheet
407Kb / 18P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Texas Instruments
74HC138D-T TI-74HC138D-T Datasheet
765Kb / 19P
High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com