Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245CC-R22M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1245CC-R22M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245CC-R22M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1245CC-R22M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRP1245CC Series - Shielded Power Inductors
Features
■
Shielded construction
■
Carbonyl powder core
■
High saturation current
■
Low radiation
■
Low buzz noise
■
RoHS compliant* and halogen free**
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
.................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
...................................... -40 °C to +125 °C
Temperature Rise .....40 °C at rated Irms
1
Rated Current
.............. Inductance drops 30 % at Isat
Moisture Sensitivity Level ......................1
ESD Classification (HBM).................. N/A
1Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature. Part temperature
should be verified in the end application.
Materials
Core..............................Carbonyl powder
Wire .............................Enameled copper
Terminal Finish ................................... Sn
Packaging........ 500 pcs. per 13-inch reel
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 kHz / 1 V
Q Min.
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
Terminal
Type
L (μH)
Tol. %
SRP1245CC-R15M
0.15
20
30
175
0.36
0.41
55
100
Non-
Lead
Frame
SRP1245CC-R22M
0.22
20
20
120
0.5
0.55
48
95
SRP1245CC-R36M
0.36
20
20
80
0.75
0.83
41
80
SRP1245CC-R47M
0.47
20
20
70
0.96
1.15
38
65
SRP1245CC-R68M
0.68
20
20
50
1.4
1.6
32
54
SRP1245CC-1R0M
1.00
20
20
40
2
2.4
30
50
Lead
Frame
SRP1245CC-1R5M
1.50
20
20
30
3
3.5
27
48
SRP1245CC-2R2M
2.20
20
20
24
4.3
5
25
40
SRP1245CC-3R3M
3.30
20
20
22
7.3
8.4
20
32
SRP1245CC-4R7M
4.70
20
20
15
11.4
15
14
27
SRP1245CC-6R8M
6.80
20
20
12
14.5
16.7
12
23
SRP1245CC-8R2M
8.20
20
20
11
18.6
21.5
11.5
20
SRP1245CC-100M
10.00
20
20
10
21.4
25.5
11
17
SRP1245CC-150M
15.00
20
20
8
32.6
38
9
13
SRP1245CC-220M
22.00
20
20
6
50
58
7.5
11
Soldering Profile
25
245
Time (Seconds)
REFLOW TIMES: 3 TIMES MAX.
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
Time 25 °C to Peak
8 Minutes Max.
TC -5 °C
200 °C
60~150
Sec.
217
150°C
60~120
Sec.
<30 Sec.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
245 °C
Time within 5 °C of Actual Peak Temperature
(tp)
<30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
3R32232


Similar Part No. - SRP1245CC-R22M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-100M BOURNS-SRP1245C-100M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-150M BOURNS-SRP1245C-150M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-1R0M BOURNS-SRP1245C-1R0M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-1R5M BOURNS-SRP1245C-1R5M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
More results

Similar Description - SRP1245CC-R22M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com