Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245CC-R22M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP1245CC-R22M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245CC-R22M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP1245CC-R22M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1245CC-R22M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP1245CC Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. IDC and Temperature vs. IDC Curves
0.25
0.20
0.15
0.10
0.05
0
0.30
0.24
0.18
0.12
0.06
0
0
23466992
115
DC Current (A)
0
20406080
100
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRP1245CC-R15M
0.65
0.52
0.39
0.26
0.13
0
0
1428425670
DC Current (A)
100
80
60
40
20
0
SRP1245CC-R47M
2.00
1.60
1.20
0.80
0.40
0
0
1020304050
DC Current (A)
100
80
60
40
20
0
SRP1245CC-1R5M
6.50
5.20
3.90
2.60
1.30
0
0
6
12
18
24
30
DC Current (A)
100
80
60
40
20
0
SRP1245CC-4R7M
13.00
10.40
7.80
5.20
2.60
0
0
4
8
121620
DC Current (A)
100
80
60
40
20
0
SRP1245CC-100M
20
16
12
8
4
0
0369
12
15
DC Current (A)
100
80
60
40
20
0
SRP1245CC-150M
30.0
24.0
18.0
12.0
6.0
0
0369
12
15
DC Current (A)
100
80
60
40
20
0
SRP1245CC-220M
9.00
7.20
5.40
3.60
1.80
0
0
5
10
15
20
25
DC Current (A)
100
80
60
40
20
0
SRP1245CC-6R8M
11.00
8.80
6.60
4.40
2.20
0
0
5
10
15
20
25
DC Current (A)
100
80
60
40
20
0
SRP1245CC-8R2M
3.00
2.50
2.00
1.50
1.00
0.50
0
0
9
18
27
36
45
DC Current (A)
100
80
60
40
20
0
SRP1245CC-2R2M
5.00
4.00
3.00
2.00
1.00
0
0
7
14
21
28
35
DC Current (A)
100
80
60
40
20
0
SRP1245CC-3R3M
1.00
0.80
0.60
0.40
0.20
0
0
1224364860
DC Current (A)
100
80
60
40
20
0
SRP1245CC-R68M
1.50
1.20
0.90
0.60
0.30
0
0
1122334455
DC Current (A)
100
80
60
40
20
0
SRP1245CC-1R0M
SRP1245CC-R22M
0.45
0.36
0.27
0.18
0.09
0
0
1836547290
DC Current (A)
100
80
60
40
20
0
SRP1245CC-R36Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com