Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7765 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7765
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Data Sheet
AD7767
THEORY OF OPERATION
analog.com
Rev. D | 16 of 23
Figure 32. AD7767 Digital Filter Frequency Response
Figure 33. AD7767-1 Digital Filter Frequency Response
Figure 34. AD7767-2 Digital Filter Frequency Response
ANALOG INPUT STRUCTURE
The AD7767/AD7767-1/AD7767-2 are configured as a differential
input structure. A true differential signal is sampled between the
analog inputs VIN+ and VIN−, Pin 4 and Pin 5, respectively. Using
differential inputs provides rejection of signals that are common to
both the VIN+ and VIN− pins.
Figure 35 shows the equivalent analog input circuit of the AD7767/
AD7767-1/AD7767-2. The two diodes on each of the differential
inputs provide ESD protection for the analog inputs.
Figure 35. Equivalent Analog Input Structure
Take care to ensure that the analog input signal does not exceed
the reference supply voltage (VREF+) by more than 0.3 V, as speci-
fied in the Absolute Maximum Ratings section. If the input voltage
exceeds this limit, the diodes become forward biased and start to
conduct current. The diodes can handle 130 mA maximum.
The impedance of the analog inputs can be modeled as a parallel
combination of C1 and the network formed by the series connection
of RIN, C1, and C2. The value of C1 is dominated by the pin
capacitance. RIN is typically 1.4 kΩ, the lumped component of serial
resistors and the RON of the switches. C2 is typically 22 pF, and its
value is dominated by the sampling capacitor.
SUPPLY AND REFERENCE VOLTAGES
The AD7767/AD7767-1/AD7767-2 operate from a 2.5 V supply
applied to the DVDD and AVDD pins. The interface is specified to op-
erate between 1.7 V and 3.6 V. The AD7767/AD7767-1/ AD7767-2
operate from a reference input in the range of 2.2 V to 2 × AVDD ap-
plied to the VREF+ pin. The nominal reference supply voltage is 5 V,
but a 2.5 V supply can also be used. When using a 5 V reference,
the recommended reference devices are the ADR445, ADR435, or
ADR425; when using 2.5 V, the ADR441, ADR431, or ADR421 are
recommended. The voltage applied to the reference input (VREF+)
operates both as a reference supply and as a power supply to
the AD7767/AD7767-1/AD7767-2 device. Therefore, when using a
5 V reference input, the full-scale differential input range of the
AD7767/AD7767-1/AD7767-2 is 10 V. See the Driving the AD7767
section for details on the maximum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com