Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7765 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7765
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
AD7767
DRIVING THE AD7767
analog.com
Rev. D | 21 of 23
ANTIALIASING
The AD7767/AD7767-1/AD7767-2 sample the analog input at a
maximum rate of 1.024 MHz. The on-board digital filter provides
up to 100 dB attenuation for any possible aliasing frequency in the
range from the beginning of the filter stop band (0.547 × ODR) to
where the image of the digital filter pass band occurs. This occurs
at MCLK minus the filter stop band (MCLK − 0.547 × ODR), as
shown in Figure 42.
Figure 42. AD7767/AD7767-1/AD7767 Spectrum
Table 9 shows the attenuation achieved by various orders of
front-end antialias filters prior to the signal entering the AD7767/
AD7767-1/AD7767-2 at the image of the digital filter stop band,
which is 1.024 MHz − 0.547 × ODR.
Table 9. Antialias Filter Order, Attenuation at at First Image Point
Model
Filter Order
Attenuation at 1.024 MHz – 0.547 ×
ODR
AD7767
First
27 dB
Second
50 dB
Third
70 dB
AD7767-1
First
33 dB
Second
62 dB
Third
89 dB
AD7767-2
First
38 dB
Second
74 dB
Third
110 dB
The AD7764 and AD7765 ∑-∆ devices are available to customers
that require extra antialias protection. These devices sample the
signal internally at a rate of 20 MHz to achieve up to a maximum of
156 kHz or 312 kHz output data rate. This means that the first alias
point of these devices when run at the maximum speeds is 19.921
MHz and 19.843 MHz, respectively.
POWER DISSIPATION
The AD7767/AD7767-1/AD7767-2 offer exceptional performance at
ultralow power. Figure 43, Figure 44, and Figure 45 show how the
current consumption of the AD7767/AD7767-1/ AD7767-2 scales
with the MCLK frequency applied to the device. Both the digital
and analog currents scale as the MCLK frequency is reduced. The
actual throughput equals the MCLK frequency applied divided by
the decimation rate employed by the device in use. For instance,
operating the AD7767 device with an MCLK of 800 kHz results in
an output data rate of 100 kHz due to the decimate-by-8 filtering.
Figure 43. AD7767 Current vs. MCLK Frequency
Figure 44. AD7767-1 Current vs. MCLK Frequency
Figure 45. AD7767-2 Current vs. MCLK Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com