Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830009502 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 830009502
Description  PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 28-26 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

830009502 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  830009502 Datasheet HTML 1Page - Molex Electronics Ltd. 830009502 Datasheet HTML 2Page - Molex Electronics Ltd. 830009502 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number : 638114800
Product Description : PremiumGrade Hand Crimp
Tool for 1.27mm Commercial Micro D Terminals, 28-26
AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
ATS-6381148HM-001.pdf
TM-638000029-001.pdf
TM-638000029DE-001.pdf
TM-638000029SP-001.pdf
TM-638000029FR-001.pdf
TM-638000029IT-001.pdf
TM-638000029JP-001.pdf
TM-638000029KR-001.pdf
TM-638000029MY-001.pdf
TM-638000029PL-001.pdf
TM-638000029RU-001.pdf
TM-638000029SK-001.pdf
TM-638000029TH-001.pdf
TM-638000029VN-001.pdf
TM-638000029CN-001.pdf
TM-638000029TW-001.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant


Similar Part No. - 830009502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
830009503 MOLEX9-830009503 Datasheet
207Kb / 5P
1.27mm (.050") Pitch Ulti-Mate??Commerical Micro D, Cable Receptacle Kit, 9|25|15 Circuits
More results

Similar Description - 830009502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
0638114800 MOLEX-0638114800 Datasheet
31Kb / 1P
PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 26-28 AWG
08/25/2022
0638117200 MOLEX-0638117200 Datasheet
38Kb / 2P
PremiumGrade Hand Crimp Tool for Sabre Terminals, 14-18 AWG
08/25/2022
0638117400 MOLEX-0638117400 Datasheet
41Kb / 3P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 22-26 AWG
08/26/2022
0638117900 MOLEX-0638117900 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for PanelMate Terminals, 28-32 AWG
08/26/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638190000 MOLEX-0638190000 Datasheet
49Kb / 4P
PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 20-30 AWG
08/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com