Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830009502 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 830009502
Description  PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 28-26 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

830009502 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  830009502 Datasheet HTML 1Page - Molex Electronics Ltd. 830009502 Datasheet HTML 2Page - Molex Electronics Ltd. 830009502 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU ELV
Not Relevant
Low-Halogen Status
Not Relevant
REACH SVHC
Not Contained per ED/61/2018 (27
June 2018)
EU RoHS
Compliant per EU 2015/863
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
Substances of Interest
PFAS
EU RoHS Certificate of Compliance
Additional Product Compliance Information
Part Details
General
Status
Active
Category
Crimp Presses and Crimp Hand
Tools
Series
207129
Description
PremiumGrade Hand Crimp Tool
for 1.27mm Commercial Micro D
Terminals, 28-26 AWG
Comments
See Tooling Specification (PDF)
Above; Type: 4A
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
toolingsupport@molex.com
Product Name
PremiumGrade
Tool Type
Hand Crimp Tool



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com