Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425 Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # D2425
Description  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

D2425 Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  D2425 Datasheet HTML 1Page - Sensata Technologies, Inc. D2425 Datasheet HTML 2Page - Sensata Technologies, Inc. D2425 Datasheet HTML 3Page - Sensata Technologies, Inc. D2425 Datasheet HTML 4Page - Sensata Technologies, Inc. D2425 Datasheet HTML 5Page - Sensata Technologies, Inc. D2425 Datasheet HTML 6Page - Sensata Technologies, Inc. D2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
THERMAL DERATE INFORMATION
10
8
6
4
2
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
10 A
3ºC/W
5ºC/W
No Heatsink
25
20
15
10
5
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
25 A
1.5ºC/W
2ºC/W
3ºC/W
50
40
30
20
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
50 A
0.7ºC/W
1ºC/W
1.5ºC/W
2ºC/W
75
60
45
30
15
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
75 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
80
90
70
50
30
10
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
90 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
120
100
60
80
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
110 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
80
100
120
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
125 A
0.5ºC/W
0.7ºC/W
1ºC/W
Page 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com