Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # D2425
Description  PANEL MOUNT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

D2425 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  D2425 Datasheet HTML 1Page - Sensata Technologies, Inc. D2425 Datasheet HTML 2Page - Sensata Technologies, Inc. D2425 Datasheet HTML 3Page - Sensata Technologies, Inc. D2425 Datasheet HTML 4Page - Sensata Technologies, Inc. D2425 Datasheet HTML 5Page - Sensata Technologies, Inc. D2425 Datasheet HTML 6Page - Sensata Technologies, Inc. D2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
PANEL MOUNT
Features
• Ratings from 10A to 125A @ 24-280 VAC
• SCR output for heavy industrial loads
• Zero voltage or instantaneous turn-on outputs
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control
• Direct bond copper substrate
• EMC compliant to Level 3
• Direct power lead frame
• Epoxy free design
PRODUCT SELECTION
Control Voltage
3-32 VDC
90-280 VAC
18-36 VAC
Note: Not all part number combinations are available.
Contact Crydom Technical support for information on
the availability of a specific part number.
Control Voltage
Input Status LED
Rated Load Current
Operating Voltage
24: 24-280 VAC
Termination
Overvoltage Protection
A
24
10
E
K
P
G
S
H
-10
ORDERING OPTIONS
Required for valid part number
For options only and not
required for valid part number
10: 10 Amps
75: 75 Amps
125: 125 Amps
25: 25 Amps
90: 90 Amps
50: 50 Amps
110: 110 Amps
Blank: Screw
F: Quick Connect (Up to 50 Amps only)
K: Hex standoffs
A: 90-280 VAC
D: 3-32 VDC
AxxxxE: 18-36 VAC
Blank: Not Included
P: Included
Blank: Not Included
G: Included
Switching Type
Snubber
Thermal Pad
Blank: Not Included
S: Included
Blank: Not Included
H: Included
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (4)
SERIES 1 | 240 VAC
(3)
(1)
(2)
10A
25A
50A
75A
90A
110A
125A
D2410
D2425
D2450
D2475
D2490
D24110
D24125
A2410
A2425
A2450
A2475
A2490
A24110
A24125
A2410E
A2425E
A2450E
A2475E
A2490E
A24110E
A24125E
Page 1


Similar Part No. - D2425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2425 ETC1-D2425 Datasheet
100Kb / 3P
Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D2425 CRYDOM-D2425 Datasheet
748Kb / 5P
SCR output for heavy industrial loads
D2425 CRYDOM-D2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2425 CRYDOM-D2425 Datasheet
822Kb / 6P
panel mount
D2425 CRYDOM-D2425 Datasheet
759Kb / 8P
Ratings from 10A to 125A @ 24-280 VAC
More results

Similar Description - D2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com