Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH47278BSA01 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # SFH47278BSA01
Description  OSLON® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

SFH47278BSA01 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button SFH47278BSA01 Datasheet HTML 3Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 4Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 5Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 6Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 7Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 8Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 9Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 10Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SFH 47278BS A01
DATASHEET
DATASHEET
7 | Version 1.1 | 2025-02-25
Brightness Groups
Group
Radiant intensity 1)2)
Radiant intensity 1)2)
I
F = 1 A; tp = 10 ms
I
F = 1 A; tp = 10 ms
min.
max.
I
e
I
e
CA1
280 mW/sr
320 mW/sr
CA2
320 mW/sr
355 mW/sr
CB1
355 mW/sr
400 mW/sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com