Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH47278BSA01 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # SFH47278BSA01
Description  OSLON® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

SFH47278BSA01 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button SFH47278BSA01 Datasheet HTML 15Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 16Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 17Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 18Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 19Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 20Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 21Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 22Page - ams-OSRAM AG SFH47278BSA01 Datasheet HTML 23Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SFH 47278BS A01
DATASHEET
DATASHEET
21 | Version 1.1 | 2025-02-25
Glossary
1)
Radiant intensity: Measured at a solid angle of Ω = 0.01 sr
2)
Brightness: The brightness values are measured with a tolerance of ±11%.
3)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
4)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
5)
Forward Voltage: The forward voltages are measured with a tolerance of ±0.1 V.
6)
Total radiant flux: Measured with integrating sphere.
7)
Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g.
metal block)
8)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
9)
Testing temperature: TA = 25°C (unless otherwise specified)
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
11)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com