Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF-BFS Datasheet(PDF) 2 Page - Comus International

Part # BF-BFS
Description  1A, 1C Instrumentation Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

BF-BFS Datasheet(HTML) 2 Page - Comus International

  BF-BFS Datasheet HTML 1Page - Comus International BF-BFS Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: BF/BFS Series
1A, 1C Instrumentation Reed Relays
Product Data Sheet
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
RELAY MODEL
1A (BFS)
1C (BF)
Max Switching Power
10 W
5 W
Max Switching Voltage
200 VDC
150 VDC
Max Switching Current
0.5 A
0.25 A
Max Carry Current
1.5 A
1 A
RELAY MODEL
1A (BFS)
1C (BF)
Contact Resistance (Initial)
100 mΩ
150 mΩ
Operate Time - including Bounce (at Nominal Voltage) (Typical)
0.5 ms
1.0 ms
Release Time (Typical)
0.1 ms
2.0 ms
Insulation Resistance Between all Isolated pins
(+20°C, 40%RH, 100V) (MIN)
1012 Ω
109 Ω
Dielectric Strength: Across Contacts (DC/Peak AC Resistive) (MIN)
250 V
200 V
Dielectric Strength: Contacts to Coil (DC/Peak AC Resistive) (MIN)
1500 V
1500 V
Dielectric Strength: Contacts/Shield to Coil (DC/Peak AC Resistive) (MIN)
1500 V
N/A
Capacitance Across Open Contacts: Shield Floating/Guarding (Typical)
1.0 / 0.3 pF
2.0 pF
Vibration
20G
Shock
50G
Operating Temperature
-25°C to 85°C
Storage Temperature
-35°C to 100°C
Life Expectancy (1.0V, 10mA Load) (Typical)
500 x 106 Ops
100 x 106 Ops
CONTACT RATING
SPECIFICATIONS
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
NOMINAL COIL
VOLTAGE (VDC)
COIL RESISTANCE
±
10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
5
230
3.8
0.4
7
12
1500
9
1
16
BF COIL DATA-STANDARD TYPE 1 FORM C (at 20˚C)
NOMINAL COIL
VOLTAGE (VDC)
COIL RESISTANCE
±
10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
5
370
3.8
0.4
7
12
1500
9
1
16
BFS COIL DATA-STANDARD TYPE 1 FORM A (at 20˚C)
Relays
9 / 2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com