Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF-BFS Datasheet (PDF) - Comus International

BF-BFS Datasheet PDF - Comus International
Part # BF-BFS
Download  BF-BFS Download
File Size   593.22 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 1A, 1C Instrumentation Reed Relays

BF-BFS Datasheet (PDF)

Go To PDF Page Download Datasheet
BF-BFS Datasheet PDF - Comus International

Part # BF-BFS
Download  BF-BFS Click to download

File Size   593.22 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 1A, 1C Instrumentation Reed Relays

BF-BFS Datasheet (HTML) - Comus International


BF-BFS Product details

FEATURES
• High Reliability Instrumentation Grade ( ) reed switch with
sputtered Ruthenium contacts
• 1 Form A and 1 Form C contacts
• Industry Standard Footprints (alternate pin-outs available)
• Ideal for Test and Instrumentation applications
• Hermetically sealed contacts for long life
• Optional Electrostatic or Coaxial Shield (50Ω) (Form A only)
• High Insulation Resistance: 1012 Ω MIN (Form A)
• Metal Cover (reduces magnetic interaction)




Similar Part No. - BF-BFS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
BF-1 OMRON-BF-1 Datasheet
732Kb / 5P
Electrode Holder
2015.10
logo
List of Unclassifed Man...
BF-1001 ETC2-BF-1001 Datasheet
46Kb / 1P
BIG-FOOT-1001
logo
Knowles Electronics
BF-1859-000 KNOWLES-BF-1859-000 Datasheet
67Kb / 1P
BF DAMPER
BF-1861-000 KNOWLES-BF-1861-000 Datasheet
67Kb / 1P
BF DAMPER
BF-1923-000 KNOWLES-BF-1923-000 Datasheet
67Kb / 1P
BF DAMPER
More results


Similar Description - BF-BFS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com