Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1060R-R22_ Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # AC1060R-R22_
Description  AC1060R SeriesAir Coil Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC1060R-R22_ Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  AC1060R-R22_ Datasheet HTML 1Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 2Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 3Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC1060R Series – Air Coil Inductors
Features
n
High Q value, self-resonant frequency
n
Tight tolerance
n
Epoxy cover for mechanical stability and
pick & place
n
Surface mount
n
RoHS compliant*
Applications
n
High frequency TV and radio receivers
n
Radio transmitters
n
RF amplifiers
n
Tuning applications
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(GHz)
Min.
DCR
(mW)
Max.
Irms (A)
Max.
L
(nH) Tol. (%)
AC1060R-90N_
90
±2,
±5
95
50
1.140
15
3.5
AC1060R-R11_
111
87
1.020
15
3.5
AC1060R-R13_
130
87
0.900
20
3.0
AC1060R-R17_
169
95
0.875
25
3.0
AC1060R-R20_
206
95
0.800
30
3.0
AC1060R-R22_
222
92
0.730
35
3.0
AC1060R-R24_
246
95
0.685
35
3.0
AC1060R-R30_
307
95
0.660
35
3.0
AC1060R-R38_
380
95
0.590
50
2.5
AC1060R-R42_
422
95
0.540
60
2.5
AC1060R-R49_
491
95
0.535
65
2.0
AC1060R-R53_
538
87
0.490
90
2.0
Note:
Underscore indicates Inductance Tolerance Code:
G = ±2 %, J = ±5 %
General Specifications
Operating Temperature
................................ -25 °C to +125 °C
Storage Temperature
.................................. -25 °C to +85 °C
Temperature Rise ...........................15 °C
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Electrical Schematic
Materials
Wire ............................Enameled Copper
Cover.............................................Epoxy
Terminal................................... Sn/Ag/Cu
Packaging...... 1000 pcs. per 13-inch reel
Soldering Profile
Tp
Tsmax
25
Time 25 °C to Peak
Time
TL
Tc -5 °C
tp
tL
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
PREHEAT AREA
Tsmin
ts
REFLOW TIMES: 3 TIMES MAX.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260 °C
Time (tp) at Tc - 5 °C
(Tp should be equal to or less than Tc)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.


Similar Part No. - AC1060R-R22_

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1060 TALEMA-AC1060 Datasheet
62Kb / 1P
60 Amp Current Transformer
More results

Similar Description - AC1060R-R22_

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-397 RHOMBUS-IND-L-397 Datasheet
19Kb / 1P
Air Coil
2/19/98
logo
WALSIN TECHNOLOGY CORPO...
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
SMD Square Air Wound Coil Inductors
WQAC291A WALSIN-WQAC291A Datasheet
260Kb / 6P
SMD Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
SMD Square Air Wound Coil Inductors
WQAC292 WALSIN-WQAC292 Datasheet
283Kb / 6P
SMD Air Wound Coil Inductors
WQAC293 WALSIN-WQAC293 Datasheet
261Kb / 7P
SMD Air Wound Coil Inductors
WQAC294 WALSIN-WQAC294 Datasheet
243Kb / 7P
SMD Air Wound Coil Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com