Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1060R-R22_ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AC1060R-R22_
Description  AC1060R Series – Air Coil Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC1060R-R22_ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AC1060R-R22_ Datasheet HTML 1Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 2Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 3Page - Bourns Electronic Solutions AC1060R-R22_ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC1060R Series – Air Coil Inductors
Product Dimensions
6.35
(.250)
MAX.
End View
Side View
Bottom View
10.55
(.415)
MAX.
7.12
(.280)
MAX.
5.9
(.232)
MAX.
0 °
90 °
TINNED
AREA
THE END OF THE TINNED
AREA BETWEEN 30 ° AND 180 °
0 °
180 °
30 °
± 5 °
1.02 ± 0.39
(.040 ± .015)
7.98 ± 0.51
(.314 ± .020)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
DIMENSIONS:
MM
(INCHES)
2.04
(.080)
4.7
(.185)
2.42
(.095)
7.98
(.314)
How to Order
AC1060R - 90N __
Model
Value Code
(See Table)
Tolerance
G = ±2 %
J = ±5 %
Inductance vs. IDC
1000
800
600
400
200
0
1
10
FREQUENCY (MHz)
100
1000
R53
R30
R17
90N
160
140
120
100
80
60
40
10
100
FREQUENCY (MHz)
1000
R30
R53
R17
90N
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com