Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20-USB-CS Datasheet(PDF) 1 Page - TT Electronics.

Part # 20-USB-CS
Description  20 PORT USB RAPID CHARGE & SYNC HUB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

20-USB-CS Datasheet(HTML) 1 Page - TT Electronics.

  20-USB-CS Datasheet HTML 1Page - TT Electronics. 20-USB-CS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20 PORT USB RAPID CHARGE &
SYNC HUB
POWERPAX: 20-USB-CS
© TT Electronics plc
ISS.3 01/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
20 USB Ports
•
Each Port 1A max
•
Blue LED Indicator
•
USB 2.0
Description:
A 20 Port USB charge and Sync hub for use with smart phones and tablets. Each of the 20 outputs can charge to a maximum
of 1 amp. If all 20 ports are being used at the same time the maximum charge current will be drop slightly to around 900mA
per port
Specification
Product Size
282 x 78 x 23mm
Colour
Black
Case Material
Metal
Net Weight
450g
Gross Weight
1200g
Max Data Transfer Rate
Up to 480Mbp
Power Adaptor
12V 8A included
Rated Output
1000mA (max)
Package Size
Support
Security Module
Over current, over voltage, short circuit protection
LED Indicator
Blue
Support System
Windows XP/Vista/7/8 & Mac 9.0
Certificate
CE, FCC, RoHS Approval
Interface
USB 2.0
Package
9/CTN
CTN Size
410 x 330 x 300mm


Similar Part No. - 20-USB-CS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
logo
Europa PLC
20-001-13/160A EUROPA-20-001-13/160A Datasheet
567Kb / 2P
IP67 Enclosed Prewired 3 Phase TT/TN Type 1/2 SPD inc.160A Fuses
20-001-13/160A EUROPA-20-001-13/160A Datasheet
506Kb / 2P
IP67 Enclosed Prewired 3 Phase TT/TN Type 1/2 SPD inc.160A Fuses
logo
Aries Electronics, Inc.
20-002-101ST ARIES-20-002-101ST Datasheet
181Kb / 1P
DIP Jumpers
20-002-101STL ARIES-20-002-101STL Datasheet
181Kb / 1P
DIP Jumpers
More results

Similar Description - 20-USB-CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBH12 PHILIPS-PDIUSBH12 Datasheet
170Kb / 28P
USB 2-port hub
1999 Jul 22
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com