Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8MB5 Datasheet(PDF) 4 Page - Rohm

Part # HT8MB5
Description  40V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HT8MB5 Datasheet(HTML) 4 Page - Rohm

  HT8MB5 Datasheet HTML 1Page - Rohm HT8MB5 Datasheet HTML 2Page - Rohm HT8MB5 Datasheet HTML 3Page - Rohm HT8MB5 Datasheet HTML 4Page - Rohm HT8MB5 Datasheet HTML 5Page - Rohm HT8MB5 Datasheet HTML 6Page - Rohm HT8MB5 Datasheet HTML 7Page - Rohm HT8MB5 Datasheet HTML 8Page - Rohm HT8MB5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HT8MB5
Datasheet
l
lGate charge characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD ⋍ 20V
ID = 5.0A
VGS = 10V
-
3.5
-
nC
VGS = 4.5V
-
1.8
-
Gate - Source charge
Qgs*5
-
1.1
-
Gate - Drain charge
Qgd*5
-
0.3
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD ⋍ -20V
ID = -6.0A
VGS = -10V
-
16.7
-
nC
VGS = -4.5V
-
8.3
-
Gate - Source charge
Qgs*5
-
2.3
-
Gate - Drain charge
Qgd*5
-
2.9
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25℃
-
-
1.67
A
Pulse forward current
ISP*2
-
-
20
Forward voltage
VSD*5
VGS = 0V, IS = 1.67A
-
-
1.2
V
Reverse recovery time
trr*5
IS = 5.0A, VGS = 0V
di/dt = 100A/μs
-
18
-
ns
Reverse recovery charge
Qrr*5
-
11
-
nC
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25℃
-
-
-1.67
A
Pulse forward current
ISP
-
-
-24
Forward voltage
VSD*5
VGS = 0V, IS = -1.67A
-
-
-1.2
V
Reverse recovery time
trr*5
IS = -6.0A, VGS = 0V
di/dt = 100A/s
-
19
-
ns
Reverse recovery charge
Qrr*5
-
12
-
nC
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
4/19
20241224 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com