Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8MB5 Datasheet(PDF) 1 Page - Rohm

Part # HT8MB5
Description  40V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HT8MB5 Datasheet(HTML) 1 Page - Rohm

  HT8MB5 Datasheet HTML 1Page - Rohm HT8MB5 Datasheet HTML 2Page - Rohm HT8MB5 Datasheet HTML 3Page - Rohm HT8MB5 Datasheet HTML 4Page - Rohm HT8MB5 Datasheet HTML 5Page - Rohm HT8MB5 Datasheet HTML 6Page - Rohm HT8MB5 Datasheet HTML 7Page - Rohm HT8MB5 Datasheet HTML 8Page - Rohm HT8MB5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HT8MB5
40V Nch+Pch Power MOSFET
Datasheet
l
lOutline
Symbol
Tr1:Nch Tr2:Pch
VDSS
40V
-40V
RDS(on)(Max.)
47mΩ
44mΩ
HSMT8
ID
±12A
±15A
PD
13W
l
lFeatures
l
lInner circuit
1) Low on - resistance
2) High Power small mold Package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
5) 100%Rg and UIS tested
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
330
Switching,Motor drives
Tape width (mm)
12
Quantity (pcs)
3000
Taping code
TB1
Marking
HT8MB5
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Tr1:Nch Tr2:Pch
Drain - Source voltage
VDSS
40
-40
V
Continuous drain current
Tc = 25°C
ID*1
±12
±15
A
Ta = 25°C
ID
±5
±6
A
Pulsed drain current
IDP*2
±20
±24
A
Gate - Source voltage
VGSS
±20
±20
V
Avalanche current, single pulse
IAS*3
5.0
-6.0
A
Avalanche energy, single pulse
EAS*3
2.0
2.6
mJ
Power dissipation (total)
PD*1
13
W
PD*4
2.0
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
1/19
20241224 - Rev.002


Similar Part No. - HT8MB5

ManufacturerPart #DatasheetDescription
logo
Rohm
HT8MC5 ROHM-HT8MC5 Datasheet
4Mb / 22P
60V NchPch Power MOSFET
20241226 - Rev.002
HT8MD5H ROHM-HT8MD5H Datasheet
3Mb / 22P
80V NchPch Power MOSFET
20250114 - Rev.002
More results

Similar Description - HT8MB5

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8M22 ROHM-QH8M22 Datasheet
4Mb / 22P
40V NchPch Middle Power MOSFET
SH8JB5 ROHM-SH8JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
SH8KB6 ROHM-SH8KB6 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
SH8KB7 ROHM-SH8KB7 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
SH8MB5 ROHM-SH8MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
QH8MB5 ROHM-QH8MB5 Datasheet
4Mb / 22P
40V NchPch Small Signal MOSFET
UT6JB5 ROHM-UT6JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
SH8K25 ROHM-SH8K25 Datasheet
1Mb / 14P
40V NchNch Power MOSFET
20190527 - Rev.004
UT6MB5 ROHM-UT6MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230126 - Rev.002
HP8MB5 ROHM-HP8MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230427 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com