Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZB-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL6337ACRZB-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZB-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL6337ACRZB-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Data Sheet
ADL6337
CONFIGURING MULTIPLE CHIPS TO SHARE THE SPI BUS
analog.com
Rev. E | 36 of 53
Up to eight ADL6337 devices can be addressed using the same 3-
or 4-wire SPI, which means no extra CS line is needed for each
device. For this capability, the chip address pins (CS_A2, CS_A1,
CS_A0) of the ADL6337 are used to identify the chip with the SPI
write chip address prefix. See the SPI interface port as shown in
Figure 2.
The ADL6337 ignores any writes to addresses where the six MSBs
are not equal to the chip address as set by the chip address
pins. It only accepts access for addresses where the six MSB chip
address prefix is equal to the chip address pins. The broadcasting
software reset mode in Register 0x000 allows for an exception. All
ADL6337 chips on the shared bus can accept a 0x81 software reset
in Register 0x000 from the SPI host controller.
Figure 120 shows how to configure the chip address pins CS_CA2,
CS_CA1, and CS_CA0 with the associated chip address prefix bits.
Figure 120. Configuring Multiple Chips to Share the SPI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com