Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZB-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADL6337ACRZB-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZB-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADL6337ACRZB-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 40Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 41Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 42Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 43Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 44Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 45Page - Analog Devices ADL6337ACRZB-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Data Sheet
ADL6337
REGISTER DETAILS
analog.com
Rev. E | 42 of 53
Table 24. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product_ID_L, Higher 8 Bits
0x0
R
Address: 0x00A, Reset: 0x00, Name: SCRATCHPAD
Table 25. Bit Descriptions for SCRATCHPAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
Scratchpad
0x0
R/W
Address: 0x00B, Reset: 0x00, Name: SPI_REV
Table 26. Bit Descriptions for SPI_REV
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Rev
0x0
R
Address: 0x010, Reset: 0x00, Name: FEOL
Table 27. Bit Descriptions for FEOL
Bits
Bit Name
Description
Reset
Access
[7:4]
FEOL
FEOL
0x0
R
[3:0]
RESERVED
Reserved
0x0
R
Address: 0x011, Reset: 0x00, Name: BEOL_SIF
Table 28. Bit Descriptions for BEOL_SIF
Bits
Bit Name
Description
Reset
Access
[7:4]
SIF
SIF Version
0x0
R
[3:0]
BEOL
BEOL Version
0x02: Variant A,Variant B, and Variant C
0x02
R
Address: 0x012, Reset: 0x00, Name: VARIANT
Table 29. Bit Descriptions for VARIANT
Bits
Bit Name
Description
Reset
Access
[7:0]
VARIANT
Variant
R
0x14: Variant A
0x14
0x15: Variant B
/0x15
0x23: Variant C
/0x23
Address: 0x020, Reset: 0x00, Name: SOFTRST_CHIP
Table 30. Bit Descriptions for SOFTRST_CHIP
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
SOFTRESET_CHIP
SoftReset for a Single Chip
0x0
R/W
0: Reset not asserted.
1: Reset asserted.
Address: 0x100, Reset: 0x07, Name: SIG_PATH0_0
Table 31. Bit Descriptions for SIG_PATH0_0
Bits
Bit Name
Description
Reset
Access
7
DSA_MAN_EN_0
DSA Manual Mode Enable When TXENP = 1
0: Enable 4-Predefine mode via ATTSEL pins.
1: Registers 0x10A, 0x10B are used to configure DSA1 and DSA2 individually.
0x0
R/W
6
AMP2_IP3_OFF_0_0
Turn Off AMP2 IP3 Currents ATTSEL00 When TXENP = 1
0: Use default
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com