Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL42002
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL42002 Datasheet HTML 5Page - Analog Devices ADPL42002 Datasheet HTML 6Page - Analog Devices ADPL42002 Datasheet HTML 7Page - Analog Devices ADPL42002 Datasheet HTML 8Page - Analog Devices ADPL42002 Datasheet HTML 9Page - Analog Devices ADPL42002 Datasheet HTML 10Page - Analog Devices ADPL42002 Datasheet HTML 11Page - Analog Devices ADPL42002 Datasheet HTML 12Page - Analog Devices ADPL42002 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
9 of 22
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT + 1V or 2.7V, whichever is greater, VOUT = 5V, IOUT = 10mA, CIN = COUT = 2.2µF, TA = 25°C, unless otherwise
noted.
Figure 5. Output Voltage (VOUT) vs. Junction Temperature
Figure 6. Output Voltage (VOUT) vs. Load Current (ILOAD)
Figure 7. Output Voltage (VOUT) vs. Input Voltage (VIN)
Figure 8. Ground Current vs. Junction Temperature
Figure 9. Shutdown Current vs. Temperature at Various
Input Voltages (VIN)
Figure 10. Dropout Voltage vs. Load Current (ILOAD),
VOUT = 5V
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
0.1
1
10
100
1000
ILOAD (mA)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5
10
15
20
VIN (V)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
0
50
100
150
200
250
300
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
2.5
2.0
1.5
1.0
0.5
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3V
VIN = 5V
VIN = 6V
VIN = 10V
VIN = 20V
1
10
100
1000
ILOAD (mA)
0
50
100
150
200
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com