Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL42002
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL42002 Datasheet HTML 14Page - Analog Devices ADPL42002 Datasheet HTML 15Page - Analog Devices ADPL42002 Datasheet HTML 16Page - Analog Devices ADPL42002 Datasheet HTML 17Page - Analog Devices ADPL42002 Datasheet HTML 18Page - Analog Devices ADPL42002 Datasheet HTML 19Page - Analog Devices ADPL42002 Datasheet HTML 20Page - Analog Devices ADPL42002 Datasheet HTML 21Page - Analog Devices ADPL42002 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
18 of 22
Current-Limit and Thermal Overload Protection
The ADPL42002 is protected against damage due to excessive power dissipation by current and thermal overload
protection circuits. The ADPL42002 is designed to current limit when the output load reaches 360mA (typical). When
the output load exceeds 360mA, the output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction temperature to a maximum of 150°C (typical).
Under extreme conditions (that is, high ambient temperature and/or high power dissipation) when the junction
temperature starts to rise above 150°C, the output is turned off, reducing the output current to zero. When the
junction temperature drops below 135°C, the output is turned on again, and output current is restored to the
operating value.
Consider the case where a hard short from VOUT to ground occurs. At first, the ADPL42002 current limits, so that only
360mA is conducted into the short. If self heating of the junction is great enough to cause the temperature to rise
above 150°C, thermal shutdown activates, turning off the output and reducing the output current to zero. As the
junction temperature cools and drops below 135°C, the output turns on and conducts 360mA into the short, again
causing the junction temperature to rise above 150°C. This thermal oscillation between 135°C and 150°C causes a
current oscillation between 360mA and 0mA that continues as long as the short remains at the output.
Current and thermal limit protections protect the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited so that the junction temperature does not exceed
125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com