Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # ACMP
Description  Single–Phase and Three–Phase Aircraft Motor Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ACMP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  ACMP Datasheet HTML 1Page - Sensata Technologies, Inc. ACMP Datasheet HTML 2Page - Sensata Technologies, Inc. ACMP Datasheet HTML 3Page - Sensata Technologies, Inc. ACMP Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| ACMP SERIES
Single–Phase and Three–Phase Aircraft Motor Protectors
Introduction
Klixon® motor protection for aircraft prevents hazards beyond the control of the manufacturer — hazards such as sustained overload and excessive
temperatures. Since the aircraft motor protector (ACMP) is sensitive to both temperature and current, they inherently protect against a variety of
abnormal conditions while allowing maximum motor output before shutdown. Motor life is extended by limiting the damaging temperatures to a
designed level.
The ACMP is a bimetallic thermostat with a built–in heating element.
It is installed in series with the motor winding. The actuating element
is a Klixon® snap–acting thermal disc. The built–in heaters simulate
winding temperatures caused by increases in current. The ACMP
provides crisp, positive switching when the specified trip current is
sustained for a specific duration at room temperature. The device will
also actuate when an excessive ambient temperature condition occurs,
providing protection against overheat conditions other than overload.
Separately, the disc protects against excessive ambient temperature and
the heaters protect against excessive current increases (as experienced
during locked motor conditions). Together, the heaters and disc protect
against any combination of overload and ambient conditions.
Features
• Single– and three–phase protection
• Locked rotor protection
• Thermal protection
• Neutral tap
• Meets thermal protection requirements of MIL-M-7969, direct acting
PERFORMANCE CHARACTERISTICS
Maximum Current Ratings
28 VDC
120 VAC
SKA
16 amps
16 amps
MKA
50 amps
50 amps
SJE
30 amps
30 amps
MJE
60 amps
60 amps
BJE
120 amps
120 amps
Standard ratings are available in approximately 5% current steps at ultimate trip for motors with maximum allowable temperatures of 120°C, 150°C,
175°C, and 200°C.
Ratings are for device series. Specific devices may vary.


Similar Part No. - ACMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMP-1264 ABRACON-ACMP-1264 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-102 ABRACON-ACMP-1264-102 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-132 ABRACON-ACMP-1264-132 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-231 ABRACON-ACMP-1264-231 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
ACMP-1264-252 ABRACON-ACMP-1264-252 Datasheet
763Kb / 6P
Power Common Mode Chokes
06-29-22
More results

Similar Description - ACMP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
logo
Analog Devices
B482B-2T AD-B482B-2T Datasheet
722Kb / 4P
Single and Three Phase Circuits
logo
STMicroelectronics
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
Crydom Inc.,
B485D-2 CRYDOM-B485D-2 Datasheet
732Kb / 4P
Single and Three Phase Circuits
B485F-2 CRYDOM-B485F-2 Datasheet
240Kb / 4P
Single and Three Phase Circuits
logo
Rohm
BD16805FV-M ROHM-BD16805FV-M Datasheet
1Mb / 20P
Three Phase Motor Predriver
logo
STMicroelectronics
STSPIN830 STMICROELECTRONICS-STSPIN830 Datasheet
945Kb / 27P
Compact and versatile three-phase and three-sense motor driver
Rev 2 - August 2019
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
Low voltage three phase and three sense motor driver
17-Jan-2018
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com