Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEHVF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL70001SEHVF
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL70001SEHVF Datasheet HTML 2Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 3Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 4Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 5Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 6 of 23
Feb 5, 2024
Pin Information
Pin Assignments
TOP VIEW
Ordering Information
SMD ORDERING
NUMBER (Note 2)
PART NUMBER (Note 1)TEMP. RANGE
RADIATION HARDNESS
(Total Ionizing Dose)
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
5962R0922502VXC
ISL70001SEHVF
-55 to +125°C HDR to 100krad(Si),
LDR to 50krad(Si)
48 Ld CQFP
R48.A
5962R0922502VYC
ISL70001SEHVFE
48 Ld CQFP With Heatsink
R48.B
5962R0922502V9A
ISL70001SEHVX (Note 3)Die
-
5962R0922501VXC
ISL70001SRHVF
HDR to 100krad(Si)
48 Ld CQFP
R48.A
5962R0922501QXC
ISL70001SRHQF
5962R0922501V9A
ISL70001SRHVX (Note 3)Die
-
N/A
ISL70001SRHF/PROTO (Note 4)
N/A
48 Ld CQFP
R48.A
N/A
ISL70001SEHFE/PROTO (Note 4)
48 Ld CQFP With Heatsink
R48.B
N/A
ISL70001SRHX/SAMPLE (Notes 3, 4)Die
-
N/A
ISL70001SRHEVAL1Z (Note 5)
Evaluation Board
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in the
Ordering Information table on must be used when ordering.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in Electrical Specifications.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
5. Evaluation board uses the /PROTO parts and /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
PVIN3
LX3
PGND3
PGND3
PGND4
PGND4
LX4
PVIN4
PVIN4
PVIN5
PVIN5
LX5
M/S
ZAP
TDI
TDO
PGOOD
DVDD
DGND
DGND
AGND
AGND
SS
DVDD
* HEATSINK
* Heatsink available in R48.B package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com