Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEHVF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL70001SEHVF
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVF Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL70001SEHVF Datasheet HTML 1Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 2Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 3Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 4Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 5Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEHVF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN7956 Rev 3.03
Page 1 of 23
Feb 5, 2024
© 2011-2024 Renesas Electronics
ISL70001SEH, ISL70001SRH
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
DATASHEET
The ISL70001SEH, ISL70001SRH are radiation hardened and
SEE hardened high efficiency monolithic synchronous buck
regulators with integrated MOSFETs. This single chip power
solution operates over an input voltage range of 3V to 5.5V
and provides a tightly regulated output voltage that is
externally adjustable from 0.8V to ~85% of the input voltage.
Output load current capacity is 6A for TJ < +145°C.
High integration and class leading radiation tolerance makes
the ISL70001SEH, ISL70001SRH ideal choices to power
many of today’s small form factor applications. Two devices
can be synchronized to provide a complete power solution for
large scale digital ICs, like field programmable gate arrays
(FPGAs) that require separate core and I/O voltages.
In applications where the ENABLE input is tied high to PVIN we
recommend that the input voltage ramp rate be equal to or
greater than 10V/ms. This is to prevent unwanted voltage from
prematurely appearing on the output.
For a PVIN voltage that has a slower ramp rate or is stepped up
we recommend use of the ISL70001ASEH. Ensuring that the
ENABLE input is held low until the chosen VINPOR is satisfied
will prevent this ‘false start’.
Applications
• FPGA, CPLD, DSP, CPU core or I/O voltages
• Low-voltage, high-density distributed power systems
Features
• ±1% reference voltage over line, load, temperature and
radiation
• Current mode control for excellent dynamic response
• Full Mil-temp range operation (TA = -55°C to +125°C)
• High efficiency >90%
• Fixed 1MHz operating frequency
• Available in a thermally enhanced heatsink package - R48.B
• Operates from 3V to 5.5V supply
• Adjustable output voltage
- Two external resistors set VOUT from 0.8V to ~85% of VIN
• Bidirectional SYNC pin allows two devices to be
synchronized 180° out-of-phase
• Starts into prebiased load
• Power-good output voltage monitor
• Adjustable analog soft-start
• Input undervoltage, output undervoltage and output
overcurrent protection
• Electrically screened to DLA SMD 5962-09225
• QML qualified per MIL-PRF-38535 requirements
• Radiation acceptance testing - ISL70001SEH
- HDR (50-300rad(Si)/s): 100krad(Si) (min)
- LDR (<10mrad(Si)/s): 50krad(Si) (min)
• Radiation acceptance testing - ISL70001SRH
- HDR (50-300rad(Si)/s): 100krad(Si) (min)
• SEE hardness (see SEE report for details)
- SEL and SEB LETeff . . . . . . . . . . . 86.4MeV/mg/cm2 (min)
-SEFI X-section (LETeff = 86.4MeV/mg/cm2) 1.4 x 10-6
cm2 (max)
-SET LETeff (<1 pulse perturbation) 86.4MeV/mg/cm2
(min)
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY 5V INPUT TO 3.3V OUTPUT, TA = +25°C
ISL70001SEH
ISL75051SEH
ISL70001SEH
5V SUPPLY
CORE
AUX
I/O
RAD TOLERANT
FPGA
SYNCH
SYNCH
LOAD CURRENT (A)
70
75
80
85
90
95
0
123456
Not Recommended for New Designs
Recommended Replacement ISL70001A
Sxx
contact our Technical Support Center a
t
https://www.renesas.com/support/con
tact


Similar Part No. - ISL70001SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
ISL70001SEHX INTERSIL-ISL70001SEHX Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
More results

Similar Description - ISL70001SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com