Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS7-1845ASRH/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IS7-1845ASRH/PROTO
Description  Single Event Radiation Hardened High Speed, Current Mode PWM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS7-1845ASRH/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  IS7-1845ASRH/PROTO Datasheet HTML 1Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 2Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 3Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 4Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IS-1845ASRH, IS-1845ASEH
FN9001 Rev.7.01
Page 3 of 4
Feb 16, 2022
Die Characteristics
DIE DIMENSIONS
3090µm x 4080µm (121.6 mils x 159.0 mils)
Thickness: 483µm ± 25.4µm (19 mils ± 1 mil)
INTERFACE MATERIALS
Glassivation
Type: Phosphorus Silicon Glass (PSG)
Thickness: 8.0kA ± 1.0kA
Top Metallization
Type: AlSiCu
Thickness: 16.0kA ± 2kA
Substrate
Radiation Hardened Silicon Gate,
Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density
<2.0 x 105 A/cm2
Transistor Count
582
Metallization Mask Layout
IS-1845ASxH
NOTES:
7. Both the GND pads must be bonded to ground.
8. The OUT double-sized bond pad must be double bonded for current sharing purposes.
9. The OSCGND double-sized bond pad must be double bonded to ground for current sharing purposes.
VFB
COMP
VREF
VC
VCC
OUT
GND
GND
OSCGND
RTCT
ISENSE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com