Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS7-1845ASRH/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IS7-1845ASRH/PROTO
Description  Single Event Radiation Hardened High Speed, Current Mode PWM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS7-1845ASRH/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  IS7-1845ASRH/PROTO Datasheet HTML 1Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 2Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 3Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 4Page - Renesas Technology Corp IS7-1845ASRH/PROTO Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FN9001 Rev.7.01
Page 1 of 4
Feb 16, 2022
© 2003 Renesas Electronics
FN9001
Rev.7.01
Feb 16, 2022
IS-1845ASRH, IS-1845ASEH
Single Event Radiation Hardened High Speed, Current Mode PWM
DATASHEET
The IS-1845ASRH, IS-1845ASEH are designed to be used in
switching power supplies operating in current-mode. Every
other rising edge of the on-chip oscillator turns on the output.
Turn-off is controlled by the current sense comparator and
occurs when the sensed current reaches a peak controlled by
the error amplifier. Turn-off can also be triggered by the end of
the oscillator period. These devices feature a single output
operating from zero to less than 50% duty cycle.
Constructed with Renesas Rad Hard Silicon Gate (RSG)
dielectrically isolated BiCMOS process, these devices are
immune to single event latch-up and have been specifically
designed to provide a high level of immunity to single event
transients. All specified parameters are ensured and tested for
300krad(Si) total dose performance at a high dose rate and
50krad(Si) total dose at a low dose rate.
Detailed Electrical Specifications for these devices are
contained in the SMD 5962-01509.
Features
• Electrically Screened to DSCC SMD # 5962-01509
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation acceptance testing - IS-1845ASRH
- High Dose Rate . . . . . . . . . . . . . . . . . . . . 300krad(SI) (Max)
• Radiation acceptance testing - IS-1845ASEH
- High Dose Rate . . . . . . . . . . . . . . . . . . . . 300krad(SI) (Max)
- Low Dose Rate . . . . . . . . . . . . . . . . . . . . . . 50krad(SI) (Max)
• SEE hardness (see SEE report for details)
- SEL Immune . . . . . . . . . . . . . . . . . . . . Dielectrically Isolated
- SEU Immune. . . . . . . . . . . . . . . . . . . . . . . . 35MeV/mg/cm2
- SEU Cross-Section at 89MeV/mg/cm2. . . . . . . 5x10-6cm2
• Low Start-up Current . . . . . . . . . . . . . . . . . . . . . . . 100µA (Typ)
• Fast Propagation Delay . . . . . . . . . . . . . . . . . . . . . . .80ns (Typ)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . 12V to 20V
• High Output Drive. . . . . . . . . . . . . . . . . . . . . . . . 1A (Peak, Typ)
• Undervoltage Lockout . . . . . 8.8V Start (Typ), 8.2V Stop (Typ)
Applications
• Current-Mode Switching Power Supplies
• Control of High Current FET Drivers
•Motor Speed and Direction Control
Pin Configurations
IS7-1845ASRH, IS7-1845ASEH
(8 LD CDIP2-T8 SBDIP)
TOP VIEW
IS9-1845ASRH, IS9-1845ASEH
(18 LD FLATPACK)
TOP VIEW
NOTES:
1. Grounding the COMP pin does not inhibit the output. The output may be inhibited by applying >1.2V to the ISENSE pin.
2. This part is production tested with Ct = 3.3nF and Rt = 10k timing components only.
COMP
VFB
ISENSE
RTCT
1
2
3
4
8
7
6
5
VREF
VCC
OUT
GND
Note 1
Note 2
COMP
VFB
NC
NC
NC
ISENSE
RTCT
NC
3
4
5
6
7
8
9
217
16
15
14
13
12
11
10
VREF
VCC
VC
OUT
NC
GND
OSCGND
NC
NC
1
18
NC
Note 1
Note 2


Similar Part No. - IS7-1845ASRH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS7-1845ASRH/PROTO INTERSIL-IS7-1845ASRH/PROTO Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
IS7-1845ASRH/Proto INTERSIL-IS7-1845ASRH/Proto Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
More results

Similar Description - IS7-1845ASRH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com