Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

040-4635 Datasheet(PDF) 11 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 11 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd 040-4635 Datasheet HTML 13Page - Elma Electronic Ltd 040-4635 Datasheet HTML 14Page - Elma Electronic Ltd 040-4635 Datasheet HTML 15Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
44
packing unit: 50 pieces
18.5
20
10.8
3.8
Knob
4.8
1.2
Cap
Marking
Surface
grey
black
red
matt
040-6015
040-6025
040-6035
glossy
040-6010
040-6020
040-6030
matt
040-6615
040-6625
040-6635
glossy
040-6610
040-6620
040-6630
with line
without line
packing unit: 100 pieces
Surface
grey
black
red
matt
041-6015
041-6025
041-6035
glossy
041-6010
041-6020
041-6030
Pointer
packing unit: 100 pieces
ø23
ø53
ø53
7.5
ø 13.7
ø2
ø 10.2
Marking
Marking
ø 53 mm
042-6000
042-6100
042-6200
042-6700
042-6800
042-6802
ø 63 mm
042-6030
-----
–
–
Pointer dial
Stator
packing unit: 100 pieces
Figure dial (same dimension as pointer dial)
packing unit: 100 pieces
with line, grey: glossy
30° black: glossy
043-6110
043-6220
packing unit: 100 pieces
Marking
Knob ø 36 mm
30
°
0–11
0
1
11
30
°
1–12
1
2
12
27,7
°
1–13
1
2
13
–
–
Marking
d
ø
grey
black
matt
glossy
matt
glossy
4,05
6
020-6415
020-6410
020-6425
020-6420
3,2
1/4"
020-6515
020-6510
020-6525
020-6520
4,05
6
021-6415
021-6410
021-6425
021-6420
3,2
1/4"
021-6515
021-6510
021-6525
021-6520
without line
with line
Marking
Surface
grey
black
red
matt
042-6915
042-6925
042-6935
glossy
042-6910
042-6920
042-6930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com