Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

040-4635 Datasheet(PDF) 14 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 14 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd 040-4635 Datasheet HTML 13Page - Elma Electronic Ltd 040-4635 Datasheet HTML 14Page - Elma Electronic Ltd 040-4635 Datasheet HTML 15Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
1 mm = 0.04 inch, 1 inch = 25.4 mm
47
Knobs
soft touch and push-on
•
Collet Knobs with "soft
touch feel"
•
Push-on Knobs with "soft
touch" and hard feel
Soft (black), 16mm diameter, type K65
Degree pointer to flat
Line color, white
Line color, blue
0 degree
K65-DRNP12000-03
K65-DRNP12000-05
90 degree
K65-DRNP12090-03
K65-DRNP12090-05
180 degree
K65-DRNP12180-03
K65-DRNP12180-05
270 degree
K65-DRNP12270-03
K65-DRNP12270-05
Push on Knobs (black) - two color in soft and hard touch
FLAT SIZE
6mm shaft Ø
4.5mm flat size
Specify orientation
of pointer to flat
Line positioning for
flattet shafts
• Line color red, yellow, green on request
• Material:
1st shot:
talc filled Polypropylene,
2nd shot:
thermoplastic Elastomer
• Operating temperature:
-30°C to +50°C
Hard (black), 16mm diameter, type K66
Degree pointer to flat
Line color, white
Line color, blue
0 degree
K66-DRNP12000-03
K66-DRNP12000-05
90 degree
K66-DRNP12090-03
K66-DRNP12090-05
180 degree
K66-DRNP12180-03
K66-DRNP12180-05
270 degree
K66-DRNP12270-03
K66-DRNP12270-05
• Line color red, yellow, green on request
• Material:
talc filled Polypropylene
• Operating temperature:
-30°C to +50°C
Line
Line
Line
Line
0° degree
90° degree
180° degree
270° degree
1 mm = 0.04 inch, 1 inch = 25.4 mm
ø12.8
ø16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com