Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC297 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC297
Description  High-Speed CMOS Logic Digital Phase-Locked Loop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC297 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC297 Datasheet HTML 2Page - Texas Instruments CD54HC297 Datasheet HTML 3Page - Texas Instruments CD54HC297 Datasheet HTML 4Page - Texas Instruments CD54HC297 Datasheet HTML 5Page - Texas Instruments CD54HC297 Datasheet HTML 6Page - Texas Instruments CD54HC297 Datasheet HTML 7Page - Texas Instruments CD54HC297 Datasheet HTML 8Page - Texas Instruments CD54HC297 Datasheet HTML 9Page - Texas Instruments CD54HC297 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Propagation Delay,
φA1, φB to XORPDOUT
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
Propagation Delay,
φB, φA2 to ECPDOUT
tPHL, tPHL
CL = 50pF
2
-
200
250
300
ns
4.5
-
40
50
60
ns
6
-
34
43
51
ns
Output Transition Time
XORPDOUT
ECPDOUT
tTLH
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Output Transition Time
I/DOUT
tTLH
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
HCT TYPES
Propagation Delay,
I/DCP to I/DOUT
tPLH, tPHL
CL = 50pF
4.5
-
35
44
53
ns
Propagation Delay,
φA1, φB to XORPDOUT
tPLH, tPHL
CL = 50pF
4.5
-
30
38
45
ns
Propagation Delay,
φB, φA2 to ECPDOUT
tPHL, tPHL
CL = 50pF
4.5
-
40
50
60
ns
Output Transition Time
XORPDOUT
tTLH
CL = 50pF
4.5
-
15
19
22
ns
Output Transition Time
ECPDOUT
tTLH
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CI
--
-
10
10
10
pF
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
CD54HC297, CD74HC297, CD74HCT297
CD54HC297, CD74HC297, CD74HCT297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com