Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC297 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC297
Description  High-Speed CMOS Logic Digital Phase-Locked Loop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC297 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC297 Datasheet HTML 1Page - Texas Instruments CD54HC297 Datasheet HTML 2Page - Texas Instruments CD54HC297 Datasheet HTML 3Page - Texas Instruments CD54HC297 Datasheet HTML 4Page - Texas Instruments CD54HC297 Datasheet HTML 5Page - Texas Instruments CD54HC297 Datasheet HTML 6Page - Texas Instruments CD54HC297 Datasheet HTML 7Page - Texas Instruments CD54HC297 Datasheet HTML 8Page - Texas Instruments CD54HC297 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS177B
CD54HC297, CD74HC297,
CD74HCT297
High-Speed CMOS Logic
Digital Phase-Locked Loop
Features
• Digital Design Avoids Analog Compensation Errors
• Easily Cascadable for Higher Order Loops
• Useful Frequency Range
- K-Clock . . . . . . . . . . . . . . . . . . . . . . . . . .DC to 55MHz (Typ)
- I/D-Clock . . . . . . . . . . . . . . . . . . . . DC to 35MHz (Typ)
• Dynamically Variable Bandwidth
• Very Narrow Bandwidth Attainable
• Power-On Reset
• Output Capability
- Standard . . . . . . . . . . . . . . . . . . . . XORPDOUT, ECPDOUT
- Bus Driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I/DOUT
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• ’HC297 Types
- Operation Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 to 6V
- High Noise Immunity NIL = 30%, NIH = 30% of VCC at 5V
• CD74HCT297 Types
- Operation Voltage . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 5.5V
- Direct LSTTL Input Logic Compatibility
VIL = 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility II ≤ 1µA at VOL, VOH
Pinout
CD54HC297
(CERDIP)
CD74HC297, CD74HCT29
(PDIP)
TOP VIEW
Description
The ’HC297 and CD74HCT297 are high-speed silicon gate
CMOS devices that are pin-compatible with low power Schot-
tky TTL (LSTTL).
These devices are designed to provide a simple, cost-effec-
tive solution to high-accuracy, digital, phase-locked-loop appli-
cations. They contain all the necessary circuits, with the
exception of the divide-by-N counter, to build first-order
phase-locked-loops.
Both EXCLUSIVE-OR (XORPD) and edge-controlled phase
detectors (ECPD) are provided for maximum flexibility. The
input signals for the EXCLUSIVE-OR phase detector must
have a 50% duty factor to obtain the maximum lock-range.
Proper partitioning of the loop function, with many of the build-
ing blocks external to the package, makes it easy for the
designer to incorporate ripple cancellation (see Figure 2) or to
cascade to higher order phase-locked-loops.
The length of the up/down K-counter is digitally programmable
according to the K-counter function table. With A, B, C and D
all LOW, the K-counter is disabled. With A HIGH and B, C and
D LOW, the K-counter is only three stages long, which widens
the bandwidth or capture range and shortens the lock time of
the loop. When A, B, C and D are all programmed HIGH, the
K-counter becomes seventeen stages long, which narrows
the bandwidth or capture range and lengthens the lock time.
Real-time control of loop bandwidth by manipulating the A to
D inputs can maximize the overall performance of the digital
phase-locked-loop.
The ’HC297 and CD74HCT297 can perform the classic first
order phase-locked-loop function without using analog com-
ponents. The accuracy of the digital phase-locked-loop
(DPLL) is not affected by VCC and temperature variations but
depends solely on accuracies of the K-clock and loop propa-
gation delays.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B
A
ENCTR
KCP
I/DCP
D/U
GND
I/DOUT
VCC
D
φA
2
ECPDOUT
XORPDOUT
φB
φA
1
C
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC297F3A
-55 to 125
16 Ld CERDIP
CD74HC297E
-55 to 125
16 Ld PDIP
CD74HCT297E
-55 to 125
16 Ld PDIP
November 1997 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
[ /Title
(CD74
HC297
,
CD74
HCT29
7)
/Sub-
ject
(High-
Speed
CMOS
Logic
Digi-
tal
Phase-
Locked


Similar Part No. - CD54HC297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297 Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297F3A TI1-CD54HC297F3A Datasheet
255Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297F3A TI1-CD54HC297F3A Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
More results

Similar Description - CD54HC297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
High-Speed CMOS Logic Digital Phase-Locked-Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
High-Speed CMOS Logic Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com