Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4100H Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100MHz HCSL Clock Generator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .......................................-0.3V, +4V
Continuous Power Dissipation (TA = +70
°C) ...................280mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range ...............................-40
°C to +85°C
Soldering Temperature Profile
(3 passes max) .......................................................Refer to the
IPC/JEDEC J-STD-020 specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
3.135 3.300 3.465
V
Supply Current
ICC
OE = VIH, Figure 2
85
mA
Input High Voltage (OE)
VIH
(Note 1)
2.0
VCC
V
Input Low Voltage (OE)
VIL
(Note 1)
0
0.8
V
Input Leakage Current
(OE)
IIN
GND
OE
VCC
-55
+10
μA
HCSL OUTPUTS (OUTP, OUTN)
Output High Current
IOH
475
resistor connected between RREF and GND, VOUTN
or VOUTP = 1.2V, VCC = 3.3V ±5%
12.25 13.92 15.59
mA
Output High Voltage
VOH
RS = 0 , RT = 50
(Notes 1, 2)
612.5 696.0 779.5
mV
Output Low Voltage
VOL
RS = 0 , RT = 50
(Notes 1, 2)
0
50
mV
Output Leakage High
Current
I_LEAKH
VOE = 0; VOUTN, VOUTP = VCC
-10
+10
μA
Output Leakage Low
Current
I_LEAKL
VOE = 0; VOUTN, VOUTP = 0
-10
+10
μA
Output Resistance
RO
Measure current out of OUTN pin at VOUTN = 0.5V and 1.0V;
RO = 0.5 / I0.5 - I1.0
3000
Crossover Voltage
VCROSS
Measure crossing voltage at OUTP and OUTN
(Notes 1, 2, and 3)
(50% x
VOH) ±5%
mV
Output Rise Time
tR
20% to 80%, CL = 2pF
175
700
ps
Output Fall Time
tF
80% to 20%, CL = 2pF
175
700
ps
Overshoot
VOVER
Measure overshoot voltage at OUTP and OUTN
(Notes 1, 2, and 3)
VOH +
0.2V
V
Undershoot
VUNDER
Measure undershoot voltage at OUTP and OUTN
(Notes 1, 2, and 3)
-0.2
V
Output-Enable Time to
Low Level
tPZL
Figure 3 (Note 4)
200
ns
Output-Enable Time to
High Level
tPZH
Figure 3 (Note 5)
200
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com