Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4100H Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
100MHz HCSL Clock Generator
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Detailed Description
The DS4100H is a low-jitter HCSL 100MHz clock genera-
tor. It combines an AT-cut crystal, an oscillator, and a
low-noise PLL in a 5mm by 3.2mm ceramic package.
The typical phase jitter is 0.9psRMS from 12kHz to
20MHz. The device operates from a single +3.3V supply.
PLL
The PLL generates a 1.6GHz high-speed clock signal
based on the 25MHz crystal oscillator output. Clock-
divider circuit M generates the output clock by scaling
the VCO output frequency. Clock-divider circuit N
applies a scaled version of the output clock signal to
the phase/frequency detector (PFD) circuit.
Output Drivers
The DS4100H is available with HCSL output buffers.
When not needed, the output buffers can be disabled
by driving the OE input to a logic-low. OE has an inter-
nal pullup resistor so that, if OE is left open, the outputs
are enabled by default. When disabled, the output
buffer goes to a high-impedance state.
Chip Information
TRANSISTOR COUNT: 2850
SUBSTRATE CONNECTED TO GROUND
PROCESS: Bipolar SiGe
Package Information
(For the latest package outline information go to
www.maxim-ic.com/DallasPackInfo.)
Thermal Information
THETA-JA (°C/W)
90
PACKAGE TYPE
DOCUMENT NO.
10 LCCC
56-G5032-002



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com