Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ADAC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ADAC
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADAC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ADAC Datasheet HTML 1Page - Bel Fuse Inc. 0ADAC Datasheet HTML 2Page - Bel Fuse Inc. 0ADAC Datasheet HTML 3Page - Bel Fuse Inc. 0ADAC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ADAC /0ADAP
2 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ADAC/0ADAP Apr2023
Environmental Specifications
Operating Temperature
-50
℃ to +105℃
Terminal Strength
MIL-STD-202G, Method 211 Test Condition A
Lead Solderability
MIL-STD-202, Method 208
Mechanical Vibration
MIL-STD-202, Method 201
Thermal Shock
MIL-STD-202, Method 107 Test Condition B (5 cycles -65
℃ to +125℃)
Humidity
MIL-STD-202, Method 103, Test Condition A ( 95%RH and 40
℃for 240 hours )
Electrical Specifications
Part Number
Ampere
Rating
Typical Cold Resistance
(mOhms)
Voltage and Interrupting
Ratings
Typical Voltage Drop
( mV)
Typical Pre
–Arcing I²t
(A² Sec)
0ADAx0200-xx
200mA
3900
See Table of Ratings on
Page 1 for Voltage and
associated Interrupting
Ratings
850
0.003
0ADAx0250-xx
250mA
2755
828
0.009
0ADAx0315-xx
315mA
1900
568
0.030
0ADAx0400-xx
400mA
1875
890
0.038
0ADAx0500-xx
500mA
1160
616
0.041
0ADAx0600-xx
600mA
1035
765
0.072
0ADAx1000-xx
1A
450
553
0.23
0ADAx1600-xx
1.6A
160
307
0.89
0ADAx2000-xx
2A
155
381
1.28
0ADAx2500-xx
2.5A
89
275
3.91
0ADAx3000-xx
3A
64
218
7.74
0ADAx3150-xx
3.15A
60
230
9.92
0ADAx4000-xx
4A
44
223
15.50
0ADAx5000-xx
5A
33
221
26.50
0ADAx6000-xx
6A
26
214
41.76
0ADAx8000-xx
8A
18
203
76.80
0ADAx9100-xx
10A
16.8
242
101.40
0ADAx9120-xx
12A
12.8
233
187.20
Consult manufacturer for other ratings
*DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25℃
*Typical Pre-arcing I2t are measured at 10In Current
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com