Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ADAC Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ADAC
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADAC Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ADAC Datasheet HTML 1Page - Bel Fuse Inc. 0ADAC Datasheet HTML 2Page - Bel Fuse Inc. 0ADAC Datasheet HTML 3Page - Bel Fuse Inc. 0ADAC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ADAC /0ADAP
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ADAC/0ADAP Apr2023
Fuse FGNO Explanation
0ADA X [XXXX] -XX
0ADAC/P=0ADAC/P; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Mechanical Dimensions
Ordering Information
Packaging
Packaging Option
Quantity
Packaging Code
Bulk (Cartridge version)
1000
BE
Bulk(Pigtail Type, Pigtail standard length)
1000
RE
Bulk(Pigtail Type, Pigtail length 52mm)
2000
AG
Tape & Reel (Pigtail Type)
500
TD
Fraction
Decimal
Milliamps
Bel FGNO[XXXX]
1/5
0.200
200
0200
1/4
.250
250
0250
.315
315
0315
4/10
.400
400
0400
1/2
.500
500
0500
6/10
.600
600
0600
Fraction
Decimal
Amps
Bel FGNO[XXXX]
1.0
1
1000
1.6
1.6
1600
2.0
2
2000
2-1/2
2.5
2.5
2500
3.0
3
3000
3.15
3.15
3150
4.0
4
4000
5.0
5
5000
6.0
6
6000
8.0
8
8000
10
9100
12
9120
Specifications subject to change without notice
0ADA X XXXX – X X
FUSE TYPE
0ADA
MOUNTING TAB STYLE
C = For Cartridge version
P = For Axial lead pigtail
AMPERE RATING
Refer to fuse FGNO explanation table
PACKAGING CODE
A = Bulk (Pigtail length 52mm)
B = Bulk (Cartridge version)
R = Bulk (Pigtail standard length)
T = Tape & Reel (Pigtail version)
QUANTITY CODE
D = 500 / reel
E = 1k / box
G = 2k / box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com