Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGC1002 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TLEGC1002
Description  Panel Circuit Indicator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGC1002 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TLEGC1002 Datasheet HTML 3Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 4Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 5Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 6Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 7Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 8Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 9Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 10Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL(BC,EGC)1002(T02)
2007-10-01
10
6. Packing display
(1) Packing quantity
Reel
3,000 pcs
Carton
15,000 pcs
(2) Package form: Each reel is sealed in an aluminum pack with silica gel.
7. Label format
(1) Example: TLBC1002 (T02)
P/N:
TOSHIBA
TYPE
TLBC1002
ADDC
(T02)
Q’TY
3,000 pcs
Lot Number
Key code for TSB
32C
3000
(RANK SYMBOL)
Use under 5-30degC/70%RH within 72h
SEAL DATE:
[[G]]/RoHS COMPATIBLE
DIFFUSED IN *****
*Y3804xxxxxxxxxxxxxxxxx*
ASSEMBLED IN *****
(2) Label location
Tape reel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has a copy of the label
attached to center of one side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com