Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGC1002 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLEGC1002
Description  Panel Circuit Indicator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGC1002 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLEGC1002 Datasheet HTML 1Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 2Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 3Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 4Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 5Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 6Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 7Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 8Page - Toshiba Semiconductor TLEGC1002 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL(BC,EGC)1002(T02)
2007-10-01
2
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current
IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLBC1002
⎯
3.3
4.2
TLEGC1002
⎯
3.3
4.2
10
10
4
Unit
V
mA
μA
V
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
TLBC1002
16
45
⎯
TLEGC1002
40
120
⎯
10
Unit
mcd
mA
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLBC1002
⎯
470
⎯
25
463
472
480
TLEGC1002
⎯
520
⎯
35
523
535
547
10
Unit
nm
nm
nm
mA
Note: Caution
• This product is designed as a general display light source usage, and it has applied the measurement
standard that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com